Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2-IOL-0002 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 3Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 4Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 5Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 6Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NXR-ILM08C-ECT
7
Power Supply Cables
Power supply cables to connect the IO-Link master unit
Note: 1. Note, these cables are region specific to the Americas region. For recommended cables outside of the Americas, please consult the
OMRON Global Website.
Name and appearance
Specification
No. of cable
conductors
Connector
Cable
connection
direction
Cable
length
Model
Connector with Cable
(Socket on One End, Straight)
7/8 inch socket
(female) to
discrete wire
4
Screw
connector
Straight
1 m
21349700495010
2 m
21349700495020
5 m
21349700495050
10 m
21349700495100
Connector with Cable
(Socket on One End, Right-
angle)
Right-angle
1 m
21349900495010
2 m
21349900495020
5 m
21349900495050
10 m
21349900495100
Connectors with Cable
(Socket on One End, Plug on
Other End, Straight)
7/8 inch socket
(female) to
7/8 inch plug
(male)
4
Screw
connector
Straight
1 m
21349697495010
2 m
21349697495020
5 m
21349697495050
10 m
21349697495100
Connectors with Cable
(Socket on One End, Plug on
Other End, Right-angle)
Right-angle
1 m
21349899495010
2 m
21349899495020
5 m
21349899495050
10 m
21349899495100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com