Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2-IOL-0002 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 13Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 14Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
NXR-ILM08C-ECT
11
Unit Specifications
Item
Specification
IO-Link specifications
IO-Link connector type
Class A
Communications protocol IO-Link protocol
Number of ports
8
Baud rate
COM1: 4.8 kbps
COM2: 38.4 kbps
COM3: 230.4 kbps
Topology
1:1
Compliant standards
• IO-Link Interface and System Specification Version1.1.2
• IO-Link Test Specification Version1.1.2
Cable specifications
• Cable type
: Unshielded
• Cable length
: 20 m max.
• Electrostatic capacity between lines : 3 nF max.
• Loop resistance
: 6 Ω max.
Unit/input power supply voltage
24 VDC (20.4 to 26.4 VDC)
Output power supply voltage
24 VDC (20.4 to 26.4 VDC)
Maximum power supply current
9 A
Sum of Unit/input power supply current and output power supply current
Number of connected Units when supplying power
with through-wiring
No restrictions if power supply specifications are met.
Mounting method
Mounting with M5 screws
Mounting strength
100 N
Installation orientation and restrictions
Installation orientation: 6 possible orientations
Restrictions: No restrictions
Connector types
• EtherCAT communications connectors : M12 (D-coding, female) × 2
• Power supply connectors : 7/8 inch (male) × 1, 7/8 inch (female) × 1
• I/O connectors
: M12 (A-coding, female) × 8
Connector strength
30 N
Applicable to all connectors
Screw tightening torque
• EtherCAT communications connectors and I/O connectors
(M12 screw)
: 0.5 to 0.6 N·m
• Power supply connectors (7/8 inch screw)
: 1.5 to 1.7 N·m
• Unit mounting (M5 screw)
: 1.47 to 1.96 N·m
• Rotary switch cover (M3 screw)
: 0.4 to 0.6 N·m
• Waterproof covers for EtherCAT communications connectors
(M12 screw)
: 0.5 to 0.6 N·m
• Waterproof covers for power supply connectors
(7/8 inch screw)
: 1.5 to 1.7 N·m
Maximum port current
4 A/port
Total available current between pin 1 and pin 4
Device power supply *1
in IO-Link Mode or
SIO (DI) Mode
Power supply used
Unit/input power supply
Rated voltage
24 VDC (20.4 to 26.4 VDC)
Maximum load current
2 A/pin
Short-circuit protection
Provided *2
Short-circuit detection
Provided *2
Digital inputs for pin 4 or
digital inputs for pin 2
(in SIO (DI) Mode)
Power supply used
Unit/input power supply
Rated voltage
24 VDC (20.4 to 26.4 VDC)
Internal I/O common
PNP
Input current
• Digital inputs for pin 2: 3.0 mA (at 24 VDC)
• Digital inputs for pin 4: 6.3 mA (at 24 VDC)
ON voltage/ON current
• Digital inputs for pin 2: 15 VDC min., 2 mA min.
• Digital inputs for pin 4: 15 VDC min., 3 mA min.
OFF voltage/OFF current
5 VDC max., 1 mA max.
ON/OFF response time
1.0 ms max.
Input filter time
No filter, 0.25 ms, 0.5 ms, 1 ms (default), 2 ms, 4 ms, 8 ms, 16 ms, 32 ms, 64 ms,
128 ms, 256 ms
Short-circuit protection
Provided *2
Short-circuit detection
Provided *2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com