Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB-2-IOL-0002 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # USB-2-IOL-0002
Description  Environment-resistive Remote Terminal NXR-series IO-Link Master Unit for EtherCAT®
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

USB-2-IOL-0002 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button USB-2-IOL-0002 Datasheet HTML 6Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 7Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 8Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 9Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 10Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 11Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 12Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 13Page - Omron Electronics LLC USB-2-IOL-0002 Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
NXR-ILM08C-ECT
10
EtherCAT Communications Specifications
*1. The IO-Link Master Unit conforms to the EtherCAT standards. Confirm the specifications of the connected EtherCAT master for the supported
topology. Note that the IO-Link Master Unit supports the ring topology.
*2. For the ring topology, the minimum value of the supported communications cycle is 125 μs. Allowing the IO-Link Master Unit to operate with a
shorter communications cycle than the minimum value may cause the loss of EtherCAT communications frames or a communications stop.
*3. The setting range of the node address depends on the specifications of the connected EtherCAT master. Check the specifications of the
EtherCAT master for the supported node address setting range of the EtherCAT master.
Item
Specification
Communications protocols
EtherCAT protocol
Modulation
Baseband
Link speed
100 Mbps
Physical layer
100BASE-TX (IEEE802.3)
Connectors
M12 (D-coding, female) x 2 (shielded)
CN IN: EtherCAT input
CN OUT: EtherCAT output
Topology
Depends on the specifications of the EtherCAT master *1*2
Transmission media
Category 5 or higher twisted-pair cable (Recommended cable: doubleshielded
cable with aluminum tape and braiding)
Transmission distance
Distance between nodes (slaves): 50 m or less
Noise immunity
Conforms to IEC 61000-4-4, 1 kV or more
Node address setting method
Setting with hexadecimal ID switch or Configuration Software
Node address range *3
• Setting with hexadecimal ID switch: 01 to FF hex (1 to 255)
• Setting with Configuration Software: 0001 to FFFF hex (1 to 65,535)
Indicators
L/A IN (Link/Activity IN) x 1
L/A OUT (Link/Activity OUT) x 1
RUN x 1
ERR x 1
Process data
Variable PDO mapping
PDO size/node
Input: 1 to 270 bytes
Output: 2 to 258 bytes
Mailbox
Emergency messages, SDO requests, and SDO responses
Synchronization type
Free-Run Mode (Asynchronous)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com