Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 48 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9084-DF Datasheet HTML 42Page - Analog Devices AD9084-DF Datasheet HTML 43Page - Analog Devices AD9084-DF Datasheet HTML 44Page - Analog Devices AD9084-DF Datasheet HTML 45Page - Analog Devices AD9084-DF Datasheet HTML 46Page - Analog Devices AD9084-DF Datasheet HTML 47Page - Analog Devices AD9084-DF Datasheet HTML 48Page - Analog Devices AD9084-DF Datasheet HTML 49Page - Analog Devices AD9084-DF Datasheet HTML 50Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
Data Sheet
AD9084
THEORY OF OPERATION
analog.com
Rev. 0 | 48 of 50
►
Course numerically controlled oscillator (CNCO) and fine numeri-
cally controlled oscillator (FNCO) fast frequency hopping
►
CFIR and PFILT profiles hopping
►
CDDC and CDUC 1× to 8× reconfigured on the fly
►
CDDC, CDUC, FDDC, and FDUC reconfigured between multiple
decimation and interpolation ratios on the fly
►
Interface
►
SPI: maximum SCLK rate 50MHz
►
HSCI: maximum rate 1.6Gbps in DDR mode
►
JESD204B and JESD204C: 16Gbps and 28.21Gbps
►
24 lanes for receive, and 24 lanes for transmit
►
Receive AGC support
►
Fast detect with low latency for fast AGC control
►
Signal monitor for slow AGC control
►
Power amplifier downstream protection circuitry
►
Additional digital features are listed in the UG-2300 Device User
Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com