Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 21 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9084-DF Datasheet HTML 17Page - Analog Devices AD9084-DF Datasheet HTML 18Page - Analog Devices AD9084-DF Datasheet HTML 19Page - Analog Devices AD9084-DF Datasheet HTML 20Page - Analog Devices AD9084-DF Datasheet HTML 21Page - Analog Devices AD9084-DF Datasheet HTML 22Page - Analog Devices AD9084-DF Datasheet HTML 23Page - Analog Devices AD9084-DF Datasheet HTML 24Page - Analog Devices AD9084-DF Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Data Sheet
AD9084
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 21 of 50
Table 26. Pin Function Descriptions (4T4R Differential ADC) (Continued)
Pin No.
Mnemonic
Type
Description
ANALOG GROUND
A1, A2, A5, A22, B1, B2, B3, B4, B7, B8, B11,
B12, B15, B16, B19, B20, B22, C1, C2, C4, C6,
C7, C8, C9, C10, C11, C12, C13, C14, C18, C19,
D1, D2, D4, D5, D9, D10, D11, D13, D16, D18,
E1, E2, E3, E4, E5, E7, E8, E9, E11, E13, E16,
E18, F2, F3, F4, F5, F6, F7, F8, F9, F10, F11,
F13, F16, F18, G2, G3, G4, G5, G7, G8, G13,
G16, H1, H2, H3, H4, H5, H7, H8, H9, H10, H11,
H12, H13, H14, H15, H16, H17, H18, J1, J2, J3,
J6, J7, J10, J11, J13, J16, J18, K2, K3, K4, K7,
K9, K11, K14, K15, K17, L2, L3, L4, L7, L9, L11,
M1, M2, M3, M4, M7, M9, M11, N1, N2, N3, N4,
N7, N9, N11, P3, P4, P5, P7, P10, P11, P12,
R5, R7, R8, R9, R10, T1, T2, T3, T4, T5, T7,
T10, T11, T12, U1, U2, U3, U4, U7, U9, U11,
V1, V2, V3, V4, V7, V9, V11, W2, W3, W4, W7,
W9, W11, Y2, Y3, Y4, Y7, Y9, Y11, Y14, Y15,
Y17, AA1, AA2, AA3, AA6, AA7, AA10, AA11,
AA13, AA16, AA18, AB1, AB2, AB3, AB4, AB5,
AB7, AB8, AB9, AB10, AB11, AB12, AB13, AB14,
AB15, AB16, AB17, AB18, AC2, AC3, AC4, AC5,
AC7, AC8, AC13, AC16, AD2, AD3, AD4, AD5,
AD6, AD7, AD8, AD9, AD10, AD11, AD13, AD16,
AD18, AE1, AE2, AE3, AE4, AE5, AE7, AE8,
AE9, AE11, AE13, AE16, AE18, AF1, AF2, AF4,
AF5, AF9, AF10, AF11, AF13, AF16, AF18, AG1,
AG2, AG4, AG6, AG7, AG8, AG9, AG10, AG11,
AG12, AG13, AG14, AG18, AG19, AH1, AH2,
AH3, AH4, AH7, AH8, AH11, AH12, AH15, AH16,
AH19, AH20, AH22, AJ1, AJ2, AJ5, AJ22
GND
Input/Output
Analog Ground Reference.
DIGITAL GROUND
A23, A26, A27, A30, A31, B23, B24, B25, B28,
B29, C20, C22, C23, C26, C27, C30, C31, D23,
D24, D25, D28, D29, E24, E25, E26, E27, E30,
E31, F23, F24, F25, F28, F29, G23, G26, G27,
G28, G29, G30, G31, H20, H21, H22, H23, H24,
H25, H26, H27, H30, H31, J23, J24, J25, J28,
J29, K12, K18, K23, K24, K25, K26, K27, K30,
K31, L13, L20, L22, L23, L24, L25, L28, L29,
M13, M15, M17, M20, M21, M22, M23, M26,
M27, M30, M31, N13, N15, N17, N23, N24, N25,
N28, N29, P13, P15, P17, P20, P23, P26, P27,
P30, P31, R13, R15, R17, R19, R20, R22, R23,
R24, R25, R28, R29, T13, T15, T17, T20, T23,
T26, T27, T30, T31, U13, U15, U17, U23, U24,
U25, U28, U29, V13, V15, V17, V20, V21, V22,
V23, V26, V27, V30, V31, W13, W20, W22, W23,
W24, W25, W28, W29, Y12, Y18, Y23, Y24, Y25,
Y26, Y27, Y30, Y31, AA23, AA24, AA25, AA28,
AA29, AB20, AB21, AB22, AB23, AB24, AB25,
AB26, AB27, AB30, AB31, AC23, AC26, AC27,
AC28, AC29, AC30, AC31, AD23, AD24, AD25,
AD28, AD29, AE24, AE25, AE26, AE27, AE30,
AE31, AF23, AF24, AF25, AF28, AF29, AG20,
AG22, AG23, AG26, AG27, AG30, AG31, AH23,
DGND
Input/Output
Digital Ground Reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com