Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 23 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9084-DF Datasheet HTML 19Page - Analog Devices AD9084-DF Datasheet HTML 20Page - Analog Devices AD9084-DF Datasheet HTML 21Page - Analog Devices AD9084-DF Datasheet HTML 22Page - Analog Devices AD9084-DF Datasheet HTML 23Page - Analog Devices AD9084-DF Datasheet HTML 24Page - Analog Devices AD9084-DF Datasheet HTML 25Page - Analog Devices AD9084-DF Datasheet HTML 26Page - Analog Devices AD9084-DF Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
Data Sheet
AD9084
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 23 of 50
Table 26. Pin Function Descriptions (4T4R Differential ADC) (Continued)
Pin No.
Mnemonic
Type
Description
C21
GPIO_20
Input/Output
General-Purpose Input and Output (GPIO).
D7
TRIG_0_B
Input
Trigger Input 0 for Bank B. This pin is floating when unused.
D8
TRIG_1_B
Input
Trigger Input 1 for Bank B. This pin is floating when unused.
D19
GPIO_26
Input/Output
GPIO.
D20
GPIO_27
Input/Output
GPIO.
D21
GPIO_30
Input/Output
GPIO
D22
RESETB
Input
Active Low Reset Input. RESETB places digital logic and
SPI registers in a known default state. RESETB must be
connected to a digital IC that is capable of issuing a reset
signal for the first step in the device initialization process.
E19
GPIO_24
Input/Output
GPIO.
E20
GPIO_25
Input/Output
GPIO.
E21
GPIO_28
Input/Output
GPIO.
E22
GPIO_29
Input/Output
GPIO.
E23
GPIO_21
Input/Output
GPIO.
F19
GPIO_19
Input/Output
GPIO.
F22
GPIO_22
Input/Output
GPIO.
G22
GPIO_23
Input/Output
GPIO.
J4, J5
VCMA_B1, VCMA_B0
Output
ADC Buffer VCMOUT for Bank B. Decouple these pins to GND
with a 1nF capacitor.
J21
GPIO_18
Input/Output
GPIO.
K21
GPIO_17
Input/Output
GPIO.
L14
GPIO_12
Input/Output
GPIO.
L15
GPIO_13
Input/Output
GPIO.
L16
GPIO_14
Input/Output
GPIO.
L17
GPIO_15
Input/Output
GPIO.
L18
GPIO_16
Input/Output
GPIO.
N19
SPI_SDO
Output
Serial Port Data Output.
N20
GPIO_31
Input/Output
GPIO.
N21
GPIO_32
Input/Output
GPIO.
P19
SPI_SDIO
Input/Output
Serial Port Bidirectional Data Input and Output
T19
SPI_CSB
Input
Serial Port Enable Input. Active low.
U19
SPI_CLK
Input
Serial Port Clock Input.
U20
GPIO_33
Input/Output
GPIO.
U21
GPIO_34
Input/Output
GPIO.
W14
GPIO_11
Input/Output
GPIO.
W15
GPIO_10
Input/Output
GPIO.
W16
GPIO_9
Input/Output
GPIO.
W17
GPIO_8
Input/Output
GPIO.
W18
GPIO_7
Input/Output
GPIO.
Y21
GPIO_6
Input/Output
GPIO.
AA4, AA5
VCMA_A1, VCMA_A0
Output
ADC Buffer VCMOUT for Bank A. Decouple these pins to GND
with a 1nF capacitor
AA21
GPIO_5
Input/Output
GPIO.
AC22
GPIO_0
Input/Output
GPIO.
AD19
GPIO_4
Input/Output
GPIO.
AD22
GPIO_1
Input/Output
GPIO.
AE23
GPIO_2
Input/Output
GPIO.
AF7
TRIG_0_A
Input
Trigger Input 0 for Bank A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com