Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9084-DF Datasheet(PDF) 13 Page - Analog Devices

Part # AD9084-DF
Description  Apollo MxFE Quad, 16-Bit 28GSPS RF DAC and Quad 12-Bit, 20GSPS RF ADC
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9084-DF Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9084-DF Datasheet HTML 9Page - Analog Devices AD9084-DF Datasheet HTML 10Page - Analog Devices AD9084-DF Datasheet HTML 11Page - Analog Devices AD9084-DF Datasheet HTML 12Page - Analog Devices AD9084-DF Datasheet HTML 13Page - Analog Devices AD9084-DF Datasheet HTML 14Page - Analog Devices AD9084-DF Datasheet HTML 15Page - Analog Devices AD9084-DF Datasheet HTML 16Page - Analog Devices AD9084-DF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Data Sheet
AD9084
SPECIFICATIONS
analog.com
Rev. 0 | 13 of 50
DIFFERENTIAL ADC AC SPECIFICATIONS
20GSPS
Nominal supplies, sample rate = 20GSPS, fIQ_DATA = 2.5GSPS. TJ = 65°C, unless otherwise noted. Analog input amplitude (AIN) = −7dBFS,
unless otherwise noted. Random mode enabled, unless otherwise noted.
Table 18. 20GSPS, Random Mode Enabled
Parameter
Full-Scale Input Voltage = 500mVpp
Min
Typ
Max
Unit
NSD
At −20dBFS
Random Mode Enabled
−149.9
dBFS/Hz
Random Mode Disabled
−151.0
dBFS/Hz
At −7dBFS, Random Mode Enabled
L Band (1GHz to 2GHz)
−147.5
dBFS/Hz
S Band (2GHz to 4GHz)
−147.5
dBFS/Hz
C Band (4GHz to 8GHz)
−146.9
dBFS/Hz
X Band (8GHz to 12GHz)
−146.1
dBFS/Hz
Ku Band (12GHz to 18GHz)
−144.4
dBFS/Hz
At −7dBFS, Random Mode Disabled
L Band (1GHz to 2GHz)
−149.0
dBFS/Hz
S Band (2GHz to 4GHz)
−149.0
dBFS/Hz
C Band (4GHz to 8GHz)
−148.6
dBFS/Hz
X Band (8GHz to 12GHz)
−147.5
dBFS/Hz
Ku Band (12GHz to 18GHz)
−145.5
dBFS/Hz
HD2
L Band (1GHz to 2GHz)
−75
dBFS
S Band (2GHz to 4GHz)
−75
dBFS
C Band (4GHz to 8GHz)
−72
dBFS
X Band (8GHz to 12GHz)
−70
dBFS
Ku Band (12GHz to 18GHz)
−69
dBFS
HD3
L Band (1GHz to 2GHz)
−77
dBFS
S Band (2GHz to 4GHz)
−75
dBFS
C Band (4GHz to 8GHz)
−75
dBFS
X Band (8GHz to 12GHz)
−78
dBFS
Ku Band (12GHz to 18GHz)
−73
dBFS
fS/2 ± AIN Spur
L Band (1GHz to 2GHz)
−82
dBFS
S Band (2GHz to 4GHz)
−80
dBFS
C Band (4GHz to 8GHz)
−78
dBFS
X Band (8GHz to 12GHz)
−76
dBFS
Ku Band (12GHz to 18GHz)
−73
dBFS
SFDR, EXCLUDING HD2, HD3, and fS/2 ± AIN, Random Mode Enabled
L Band (1GHz to 2GHz)
−78
dBFS
S Band (2GHz to 4GHz)
−72
dBFS
C Band (4GHz to 8GHz)
−75
dBFS
X Band (8GHz to 12GHz)
−75
dBFS
Ku Band (12GHz to 18GHz)
−71
dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com