| Electronic Components Datasheet Search |
|
AS3953A Datasheet(PDF) 34 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953A Datasheet(HTML) 34 Page - ams-OSRAM AG |
|
34 / 71 page ![]() ams Datasheet Page 33 [v1-05] 2019-Feb-15 Document Feedback AS3953A − Detailed Description SPI Interface Communication between the AS3953A and controller is done through a 4-wire Serial Peripheral Interface (SPI) and additional interrupt signal. The AS3953A is an SPI slave device; it requests controller attention by sending an interrupt (IRQ pin). Figure 39: SPI and Interrupt Signals While signal /SS is high the SPI interface is in reset, while it is low the SPI interface is enabled. It is recommended to keep signal /SS high whenever the SPI interface is not in use. MOSI is sampled at the falling edge of SCLK. All communication is done in blocks of 8 bits (bytes). First three bits of first byte transmitted after high to low transition of /SS define SPI operation mode. MSB bit is always transmitted first (valid for address and data). Read and Write modes support address auto incrementing, which means that in case after the address and first data byte some additional data bytes are sent (read), they are written to (read from) addresses incremented by ‘1’. SPI interface supports the following modes: • Read and write of the SPI Interface internal registers • Read and write of the EEPROM • Read and write of the FIFO • Sending direct commands Please note that the only SPI operations, which are allowed when logic and EEPROM are supplied from VP_SPI, are reading and writing of EEPROM and registers (see also Power Manager). Name Signal Signal Level Description /SS Digital input with pull-up CMOS SPI enable (active low) MOSI Digital input CMOS Serial data input MISO Digital output with tristate CMOS Serial data output SCLK Digital input CMOS Clock for serial communication IRQ Digital output CMOS Interrupt output pin |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |