Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A Datasheet(PDF) 56 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 56 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 52Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 53Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 54Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 55Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 56Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 57Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 58Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 59Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 60Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 71 page
background image
ams Datasheet
Page 55
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Figure 62:
Main Interrupt Register
Notes:
1. At power-up and after Set Default command, content of this register is set to ‘0’.
2. After Main Interrupt Register is read, with the exception of bit0, the register content is set to ‘0’. The bit0 is set to ‘0’ only after the
corresponding interrupt register is read.
Address# 0Ah: Main Interrupt
Type: R
Bit
Name
Function
Comments
7I_pu
Power-up IRQ
6
I_wu_l4
Wake-up IRQ at entry in ACTIVE(*) state
5I_wu
Wake-up IRQ triggered by sending
Wake-Up command
4
I_rxs
IRQ due to start of receive
Applicable when receive frame is
put in FIFO
3
I_rxe
IRQ due to end of receive
Applicable when receive frame is
put in FIFO
2
I_txe
IRQ due to end of transmission
Applicable when data from FIFO is
sent
1
I_wl
IRQ due to FIFO water level
During receive informing that
FIFO is almost full and has to be
read out.
During transmit informing that
FIFO is almost empty and that
additional data has to be send
0I_aux
IRQ due to event displayed in the
Auxiliary Interrupt Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com