Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 34Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 35Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 36Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 37Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 38Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 39Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 40Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 41Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 71 page
background image
ams Datasheet
Page 37
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Detailed Description
Writing and Reading of EEPROM Through SPI
EEPROM data can be read and written also through SPI
interface. Due to possible conflict with RFID interface trying to
access the EEPROM in ISO 14443A - level4 mode, access is
granted to SPI only in case the PICC AFE is not active.
In all other modes defined in Mode Definition Registers, the
EEPROM can be accessed via SPI when the RF field is active.
Activity of the PICC AFE can be checked by observing hf_pon
bit of RFID Status Display Register. In case PICC AFE is activated
while the EEPROM writing or reading operation is going on, this
operation is interrupted, and l_ee_spi IRQ is sent.
Word Address Byte
Both EEPROM modes (Read and Write) use Word Address byte
to define the address of EEPROM word which is accessed. 7 MSB
bits of the Address Byte are used to define the address; while
the last bit is “don’t care” (utilized to synchronize EEPROM
access).
Note(s): The valid range for the Word Address byte is from 0000
000xb to 0011 111xb (EEPROM words from 00h to 1Fh).
Figure below defines the EEPROM Word Address byte.
Figure 45:
EEPROM Word Address Byte
EEPROM Write
In order to program an EEPROM word six bytes have to be sent
(mode byte, word address byte and 4 bytes of word data, all of
them MSB first)). Actual programming of EEPROM is started with
rising edge of /SS signal which terminated the EEPROM Write
command. During EEPROM programming the controller is not
allowed to start another SPI activity. Controller is informed
about the end of EEPROM programming by sending an
interrupt (an interrupt flag is set in the Auxiliary Interrupt
Register). I_eew flag is set in case EEPROM programming is
normally finished; in case of an error (writing to write protected
word, writing to non-existent address) an error flag (I_er_eew)
is set. Typical EEPROM programing time for one word is 8ms.
Note(s): Word data is sent MSB first which is opposite to RFID
EEPROM programming where LSB is sent first.
B7
B6
B5
B4
B3
B2
B1
B0
EEPROM Word
Address
WA6
WA5
WA4
WA3
WA2
WA1
WA0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com