Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 6Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 7Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 8Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 9Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 10Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 11Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 12Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 13Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
ams Datasheet
Page 9
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Electrical Characteristics
Figure 8:
CMOS Outputs: Valid for Output Pins MISO, IRQ
Symbol
Parameter
Min
Typ
Max
Units
Note
VOH
High level output
voltage
0.85 * VP_
SPI
V
ISOURCE = 1mA
VP_SPI = 3V
VOL
Low level output
voltage
0.15*
VP_SPI
V
CCL
Capacitive load
50
pF
RO
Output Resistance
200
400
Ω
RPD
Pull-down resistance
pad MOSI
10
k
Ω
Pull-down can be
enabled while MISO
output is in tristate. The
activation is controlled
by register setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com