Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS3953A Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS3953A
Description  14443 High Speed Passive Tag Interface
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953A Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS3953A_V01 Datasheet HTML 2Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 3Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 4Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 5Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 6Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 7Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 8Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 9Page - ams-OSRAM AG AS3953A_V01 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 71 page
background image
ams Datasheet
Page 5
[v1-05] 2019-Feb-15
Document Feedback
AS3953A − Pin Assignment
Figure 4:
Pin Description
Pin Number
Pin Name
Pin Type
Description
MLPD
WL-CSP
Die
-
-
0
TEST
Internal use
No connection
1
C4
1
VP_SPI
Supply pad
Positive supply of SPI interface
2
B4
2
VP_REG
Analog output
Regulator output
3B3
3
LC1
Analog I/O
Connection to tag coil
4B2
4
LC2
5
C1
5
VSS
Supply pad
Ground, die substrate potential
6A1
6
/SS
Digital input
Serial Peripheral Interface enable
(active low)
7
B1
7
SCLK
Serial Peripheral Interface clock
8A2
8
MOSI
Serial Peripheral Interface data
input
9A3
9
MISO
Digital output /
tristate
Serial Peripheral Interface data
output
10
A4
10
IRQ
Digital output
Interrupt request output (active
high)
11
-
-
Exposed Pad
Supply
Exposed pad to be connected to
ground (optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com