Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780S-CSL Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6780S-CSL Datasheet HTML 2Page - Analog Devices ADRF6780S-CSL Datasheet HTML 3Page - Analog Devices ADRF6780S-CSL Datasheet HTML 4Page - Analog Devices ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices ADRF6780S-CSL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
ADRF6780S-CSL
SPECIFICATIONS
analog.com
Rev. A | 6 of 13
Table 1. Specifications (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC OUTPUTS
Output High Voltage Range, VOH
VP18 − 0.4
1.8
V
Output Low Voltage Range, VOL
0
0.4
V
Output High Current, IOH
500
µA
POWER INTERFACE
VPBB, VPLO, and VPBI
3.15
3.3
3.45
V
Supply Current
×1 LO path enabled, IF path disabled
VPBI
40
mA
VPBB
40
mA
VPLO
360
mA
Total (VPBI, VPBB, and VPLO)
340
440
mA
×2 LO path enabled, IF path disabled
VPBI
40
mA
VPBB
40
mA
VPLO
430
mA
Total (VPBI, VPBB, and VPLO)
390
510
mA
×1 LO path enabled, IF path enabled
VPBI
40
mA
VPBB
190
mA
VPLO
360
mA
Total (VPBI, VPBB, and VPLO)
490
590
mA
×2 LO path enabled, IF path enabled
VPBI
40
mA
VPBB
190
mA
VPLO
430
mA
Total (VPBI, VPBB, and VPLO)
540
660
mA
VP18
1.7
1.8
1.9
V
VP18 Supply Current
1
2
mA
VPDT and VPRF
4.75
5
5.25
V
Supply Current
×1/×2 LO path enabled, IF path disabled
VPDT
6
mA
VPRF
260
mA
Total (VPDT and VPRF)
180
266
mA
×1/×2 LO path enabled, IF path enabled
VPDT
6
mA
VPRF
240
mA
Total (VPDT and VPRF)
160
246
mA
Total Power Consumption
×2 LO path enabled, IF path enabled
2.58
W
Power down
35
50
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com