Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780S-CSL Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 1 Page - Analog Devices

  ADRF6780S-CSL Datasheet HTML 1Page - Analog Devices ADRF6780S-CSL Datasheet HTML 2Page - Analog Devices ADRF6780S-CSL Datasheet HTML 3Page - Analog Devices ADRF6780S-CSL Datasheet HTML 4Page - Analog Devices ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet
ADRF6780S-CSL
Commercial Space
Product
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. A
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Wideband RF output frequency range: 5.9 GHz to 23.6 GHz
►
Two upconversion modes
►
Direct conversion from baseband I/Q to RF
►
Single sideband upconversion from real IF
►
LO input frequency range: 5.4 GHz to 14 GHz
►
LO doubler (x2 LO) for up to 28 GHz
►
Matched 100 Ω balanced RF output, LO input, and IF input
►
High impedance baseband inputs
►
Sideband suppression and carrier feedthrough optimization
►
Variable attenuator and power detector for transmit power control
►
Programmable via 4-wire SPI
►
32-lead, 5 mm × 5 mm LFCSP
COMMERCIAL SPACE FEATURES
►
Support aerospace applications
►
Wafer diffusion lot traceability
►
Radiation monitors
►
Total ionizing dose (TID)
►
Outgassing characterization
APPLICATIONS
►
Low and medium Earth orbit (LEO/MEO) space payloads
►
Avionics
►
Point to point microwave radios
►
Radar and electronic warfare systems
GENERAL DESCRIPTION
The ADRF6780S-CSL is a silicon germanium (SiGe) design, wi-
deband, microwave upconverter optimized for point to point micro-
wave radio designs operating in the 5.9 GHz to 23.6 GHz frequency
range.
The upconverter offers two modes of frequency translation. The de-
vice is capable of direct conversion to RF from baseband in-phase
quadrature (I/Q) input signals, as well as single sideband (SSB)
upconversion from a real intermediate frequency (IF) input carrier
frequency. The baseband inputs are high impedance and are gen-
erally terminated off chip with 100 Ω differential back terminations.
The baseband I/Q input path can be disabled and a modulated real
IF signal anywhere from 0.8 GHz to 3.5 GHz can fed into the IF
input path and upconverted to 5.9 GHz to 23.6 GHz while suppress-
ing the unwanted sideband by typically better than 25 dBc. The
serial port interface (SPI) allows tweaking of the quadrature phase
adjustment to allow optimum sideband suppression. In addition, the
SPI allows powering down the output power detector to reduce
power consumption when power monitoring is not necessary.
The ADRF6780S-CSL upconverter comes in a compact, thermally
enhanced, 5 mm × 5 mm LFCSP. The ADRF6780S-CSL operates
over the −40°C to +85°C temperature range.
Additional application and technical information can be found in
the Commercial Space Products Program brochure and ADRF6780
data sheet.


Similar Part No. - ADRF6780S-CSL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6780S-CSL AD-ADRF6780S-CSL Datasheet
306Kb / 13P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
Rev. 0
More results

Similar Description - ADRF6780S-CSL

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VTC-5762B5 CPI-VTC-5762B5 Datasheet
96Kb / 2P
5.2 to 5.9 GHz
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5_10 Datasheet
430Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADRF6780 AD-ADRF6780 Datasheet
871Kb / 35P
5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
1/2019-Rev. C to Rev. D
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4630 AD-ADMV4630 Datasheet
2Mb / 40P
14.0 GHz to 14.5 GHz, SATCOM, Ku Band Upconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com