Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780S-CSL Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF6780S-CSL Datasheet HTML 4Page - Analog Devices ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices ADRF6780S-CSL Datasheet HTML 10Page - Analog Devices ADRF6780S-CSL Datasheet HTML 11Page - Analog Devices ADRF6780S-CSL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet
ADRF6780S-CSL
SPECIFICATIONS
analog.com
Rev. A | 8 of 13
Table 2. Radiation Test and Limit Specification (Continued)
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
1.8 V Supply Current
1
2
mA
5 V Supply Current
×1/×2 LO path enabled, IF path disabled, detector off
VPDT
6
mA
VPRF
260
mA
Total (VPDT and VPRF)
180
266
mA
×1/×2 LO path enabled, IF path enabled, detector off
VPDT
6
mA
VPRF
240
mA
Total (VPDT and VPRF)
160
246
mA
1 The maximum gain at the maximum gain setting.
2 Baseband frequency = 1 MHz, ×1 LO, detector off, and LO = 0 dBm single-ended drive.
3 Baseband frequency = 1 MHz, ×2 LO, detector off, and LO = −4 dBm single-ended drive.
4 IF frequency = 3500 MHz, ×1 LO, detector on, and LO = 0 dBm single-ended drive.
5 IF frequency = 3500 MHz, ×2 LO, detector on, and LO = −4 dBm single-ended drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com