Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780S-CSL Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 2 Page - Analog Devices

  ADRF6780S-CSL Datasheet HTML 1Page - Analog Devices ADRF6780S-CSL Datasheet HTML 2Page - Analog Devices ADRF6780S-CSL Datasheet HTML 3Page - Analog Devices ADRF6780S-CSL Datasheet HTML 4Page - Analog Devices ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Data Sheet
ADRF6780S-CSL
TABLE OF CONTENTS
analog.com
Rev. A | 2 of 13
Features................................................................ 1
Commercial Space Features................................. 1
Applications........................................................... 1
General Description...............................................1
Functional Block Diagram......................................3
Specifications........................................................ 4
Radiation Test and Limit Specifications..............7
Absolute Maximum Ratings...................................9
Thermal Resistance........................................... 9
Outgas Testing................................................... 9
Radiation Features.............................................9
Electrostatic Discharge (ESD) Ratings...............9
ESD Caution.......................................................9
Pin Configuration and Function Descriptions...... 10
Typical Performance Characteristics................... 12
Outline Dimensions............................................. 13
Ordering Guide.................................................13
REVISION HISTORY
11/2024—Rev. 0 to Rev. A
Change to Table 6............................................................................................................................................9
11/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com