Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADRF6780S-CSL Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF6780S-CSL
Description  5.9 GHz to 23.6 GHz, Wideband, Microwave Upconverter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6780S-CSL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF6780S-CSL Datasheet HTML 3Page - Analog Devices ADRF6780S-CSL Datasheet HTML 4Page - Analog Devices ADRF6780S-CSL Datasheet HTML 5Page - Analog Devices ADRF6780S-CSL Datasheet HTML 6Page - Analog Devices ADRF6780S-CSL Datasheet HTML 7Page - Analog Devices ADRF6780S-CSL Datasheet HTML 8Page - Analog Devices ADRF6780S-CSL Datasheet HTML 9Page - Analog Devices ADRF6780S-CSL Datasheet HTML 10Page - Analog Devices ADRF6780S-CSL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet
ADRF6780S-CSL
SPECIFICATIONS
analog.com
Rev. A | 7 of 13
RADIATION TEST AND LIMIT SPECIFICATIONS
VPBB = VPBI = VPLO = 3.3 V, VP18 = 1.8 V, VPDT = VPRF = 5 V, TA = 25°C, LO = 0 dBm differential drive, baseband I/Q amplitude = −15
dBm differential sine waves in quadrature with a 500 mV DC bias, baseband input termination with 100 Ω externally, and IF amplitude = −12
dBm differential sine waves, unless otherwise noted.
Table 2. Radiation Test and Limit Specification
Parameter
Test Conditions/Comments1
Min
Typ
Max
Unit
I/Q MODULATOR PERFORMANCE
Modulator Voltage Gain
At 6701 MHz2
10
13
dB
At 10001 MHz2
10
13
dB
At 20001 MHz3
7
13
dB
At 235001 MHz3
7
13
dB
OIP3
At 6002 MHz2
14
24
dBm
IF UPCONVERTER PERFORMANCE
Upconversion Voltage Gain
At 6000 MHZ4
7
11
dB
At 11760 MHz4
7
11
dB
At 20000 MHz5
7
11
dB
Output P1dB
At 6000 MHz4
8
11.5
dBm
At 11750 MHz4
8
12
dBm
At 20000 MHz5
8
12
dBm
At 23500 MHz5
6
11.5
dBm
POWER INTERFACE
3.3 V Supply Current
×1 LO path enabled, IF path disabled, detector off
VPBI
40
mA
VPBB
40
mA
VPLO
360
mA
Total (VPBI, VPBB, and VPLO)
340
440
mA
×2 LO path enabled, IF path disabled, detector off
VPBI
40
mA
VPBB
40
mA
VPLO
430
mA
Total (VPBI, VPBB, and VPLO)
390
510
mA
×1 LO path enabled, IF path enabled, detector off
VPBI
40
mA
VPBB
190
mA
VPLO
360
mA
Total (VPBI, VPBB, and VPLO)
490
590
mA
×2 LO path enabled, IF path enabled, detector off
VPBI
40
mA
VPBB
190
mA
VPLO
430
mA
Total (VPBI, VPBB, and VPLO)
540
660
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com