Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  LP35 Datasheet HTML 1Page - Sensata Technologies, Inc. LP35 Datasheet HTML 2Page - Sensata Technologies, Inc. LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Page 3
Environmental
Protection Class (sealing)
IP66
Temperature Range
Cable or M12: -40°C +100°C
Terminal Box: -40°C +85°C (28/VR), -40°C +100°C (28/V and 28/5)
Mechanical Resistance
Shock
(EN60068-2-27): ≤ 3000m.s-2 (5 ms, half sine) (300 G’s)
Vibration
(EN60068-2-6): ≤ 200m.s-2 (55 … 2 000 Hz) (20 G’s)
Humidity
98% RH without condensation
INDEX GATED WITH A & B HIGH (CODE Q28)
90°
A
Z
B
INDEX GATED WITH B LOW (CODE Q29)
180°
A
Z
B
OUTPUT WAVEFORMS
Waveform AA/ BB/ 00/ Channel B before A Clockwise (US convention is A leads B CCW)
Absolute SSI Waveform
Incremental Waveform
CW Rotation Viewing Shaft
CW Rotation Viewing Shaft
DIMENSIONS(A)
NOTE:
CHc : Hexagonal Socket head cap screws
HC : Hexagonal socket set screws
Through hollow shaft
All dimensions are in millimeters [inches]
R45
1.7
7
43.5
1.71
35.5
1.3
98
41
1.61
6
.24
120°
120°
78 B.C.
3.07
30 H7
1.181
35
1.38
14
.55
4
.16
0.5
.02
2
.08
8.5
.33



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com