Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 8 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 8 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
www.sensata.com
Page 8
Copyright © 2019 Sensata Technologies, Inc.
Connection Incremental
Connection Absolute SSI
Termination
Connection
Ordering Code
Description
-
+
A
B
Z
A/
B/
Z/
Case
Ground
M12
M12
EUR M12 - 8 pins
1
2
3
4
5
6
7
8
Connector Body
Standard Cable
SG
PVC Jacket
BLK
RED
YEL
BLU
ORN
WHT/
YEL
WHT/
BLU
WHT/
ORN
GRN
Terminal Box
T
Terminal box - 9 pins
1
2
3
4
5
6
7
8
9
TERMINATIONS
Other cable types available- Consult factory
Termination
Connection
Ordering Code
Description
-
+
Clk+
Clk-
Data+ Data- Reset
NC
Case
Ground
M12
M12
EUR M12 - 8 pins
1
2
3
4
5
6
7
N/A
Connector Body
Standard Cable
SG
PVC Jacket
BLK
RED
BLU
WHT/
BLU
YEL
WHT/
YEL
ORN
N/A
GRN
Terminal Box
T
Terminal box - 9 pins
1
2
3
4
5
6
7
8
9
Incremental
TETHER OPTIONS FOR TERMINAL BOX OUTPUT
T4- Standard Fork is provided for all blind or through hollow shaft versions
T5- M9445/059-02 Standard Fork + 56C Face Pin
56C Face radius
74.6
2,81
61
2,40
82
3,23
1/4"-20 with hex nuts
56C Face radius
74.6
2,81
61
2,40
82
3,23
85
3,35
STANDARD RESOLUTIONS
For non-standard and resolutions above 10000 PPR, please contact factory
32
64
100
128
250
256
360
500
512
600
720
1000 1024 1200 1250 1440 1500 2000
2048 2500 2880 3600 4096 5000 7200 8192 10000
Absolute
BITS
5
6
7
8
9
10
11
12
13
14
15
16
Counts 32 64 128 256 512 1024 2048 4096 8192 16384 32768 65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com