Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 10 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 10 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
www.sensata.com
Page 10
Copyright © 2019 Sensata Technologies, Inc.
AGENCY APPROVALS & CERTIFICATIONS
GENERAL NOTES
These commodities, technology or software if exported from the United States must be in accordance with the
Bureau of Industry and Security, Export Administration regulations. Diversion contrary to U.S. Law is prohibited.
2004 / 108 / CE
Proc. Cont. Eq.
E477663
(A) For detailed installation instructions and recommend screw torques refer to the User’s Manual
ACCESSORIES
The following accessories are included with your LP series encoder and defined by your part number selection.
Bore Reduction Sleeve
9418/HXX series: range is from ½” through 1”
in 1/8 inch increments
Integrated Coupling Kit
(includes flex, hub and set screws)
M9410/009-14 = 14 mm
M9410/009-20 = 20 mm
M9410/009-E3 =1/4 in.
M9410/009-E4 = 1/2 in.
M9410/009-E5 = 5/8 in.
M9410/009-E6 = 1 in.
Long Tether Arm Kit
M9445/053 = long tether, M8x1 rod
M9445/053-01 = long tether, 3/8”-16 rod
M9445/053-02 = long tether, 1/4”-20 rod
Short Tether Arm Kit
M9455/058 = short tether, M8x1 rod
M9455/058-01 = short tether, 3/8”-16 rod
M9445/058-02 = short tether, 1/4”-20 rod
Tether Pin Kit
M9445/059 = M10x1.5 rod and hardware
M9445/059-01 = 3/8”-16 rod and hardware
M9445/059-02 = 1/4”-20 rod and hardware
Key for 12mm slot
9435/006 = 4X4X12 mm key
Cable Assemblies
Length Model Number
Part Number
0.5m
9416/111-8230/200-GM-005 RAL-005-002
1m
9416/111-8230/200-GM-010 RAL-010-012
2m
9416/111-8230/200-GM-020 RAL-020-035
5m
9416/111-8230/200-GM-050 RAL-050-045
10m
9416/111-8230/200-GM-100 RAL-100-047
Ball End Tether
M9230-04/XXX
Flexible Couplings
Bellows Type
9404/S/12-12 = for use with a 12mm shaft
Triple Beam
Type 39074-12-12 = for use with a 3/8” shaft
Intrinsic Safety Barrier
This galvanically isolated barrier provides both
power and signal isolation for an incremental
encoder. With differential line driver outputs,
it can carry signals up to 500 feet with a band-
width of up to 250 kHz. For detailed ordering
options, refer to accessory specification sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com