Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 9 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 9 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Page 9
ORDERING OPTIONS -
NORTH AMERICAN LP35 MODELS
INCREMENTAL
See standard resolution list, ex: 01024
ABSOLUTE
See standard resolution list, ex: 12
Mounting
Standard Outputs
Output Termination Type
Coupling / Tether Types
Special Features
BOX
T= Terminal Box with cable gland.(1)
STANDARD CABLE
SGXXX = Cable gland seal. PVC jacket and US standard
color code.
SQPHHH = Polyurethane with EU Color Code (Not UL
listed);
STEHHH= Silicone with EU color code (Not UL listed);
XXX=cable length in inches up to 120” in 6 inch increments;
HHH = cable length in dm up to 100 dm in 5 dm increments
CONNECTOR
SM12 : European standard connector with EU color code
SG18C18: US- MS3102R18-1P on end of 18” cable
SGS18C12: US- MS3112E12-10P on end of 18” cable
S VERSION
T0 = No tether = STD
T2 = Long Tether Kit (56C)
T3 = Short Tether Kit
BOX VERSION
T4 = Standard Fork is provided for all LP35-TB with blind or through hollow shaft
T5 = M9445/059-01 Standard Fork + 56C Face hardware
Other Tether arms may be ordered separately (Ex: Ball joint Tether M9230-04/XXX) consult with factory
Family
LP35
Housing Type
Output
Resolution
LP35: Low Profile
90mm (3.5”) body size
S = Standard
INCREMENTAL ABZC
Q28 = Index with A&B High
Q29 = Index gated with Neg B
ABSOLUTE
AB = Natural Binary
AG = Gray Code
Use this diagram, working from left to right to construct your model
number (Example : LP35-S-Q28-02048-H30S-28/V-SGXXX- T0)
NOTE: (1)“T” Code changes the form from approximately 90mm (3.5”) round to a rectangle that is approximately 128mm (5”) high by 116mm wide (4.5”)
INCREMENTAL
28/V = Standard line driver 5-30V In / Out / PushPull
28/5 = Standard Line Driver with 5 volt (TTL) regulated
output
28/VR = Push Pull 11-30V reinforced (only T version)
Note: All versions are short-circuit protected. Reinforced
electronics are short circuit and overvoltage protected
ABSOLUTE
28/SI:
SSI RS485 w/o parity
28/SR:
SSI RS485 reinforced w/o parity
Terminal Box version only
XXXXX Example shows H30S for Metric and H4EP for Imperial
H:Through Hollow Shaft (Includes collet clamp)
30S = 30mm (Non isolated)
Less than 30mm with isolated reduction sleeve
H4EP = ½”
H5EP = ”
H6EP = ¾”
H7EP = ”
H8EP = 1”
H8ES = 1” no isolation
B: Blind Hollow Shaft (Screws into mating shaft – screw provided)
Non isolated versions standard. Isolated versions <30mm
available, consult factory.
B30S = 30 mm
B5ES = ”
B6ES = ¾”
B7ES = ”
B8ES = 1”
C: Hollow Shaft with Integrated Coupling
(all options insulated)
C14P = 14 mm
C20P = 20 mm
C4EP = ½”
C6EP = ¾”
S: Shafted (Requires separate coupling)
S12 = 12mm
S3E = ”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com