Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP35 Datasheet(PDF) 7 Page - Sensata Technologies, Inc.

Part # LP35
Description  LOW PROFILE INCREMENTAL OR ABSOLUTE ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

LP35 Datasheet(HTML) 7 Page - Sensata Technologies, Inc.

Back Button LP35 Datasheet HTML 3Page - Sensata Technologies, Inc. LP35 Datasheet HTML 4Page - Sensata Technologies, Inc. LP35 Datasheet HTML 5Page - Sensata Technologies, Inc. LP35 Datasheet HTML 6Page - Sensata Technologies, Inc. LP35 Datasheet HTML 7Page - Sensata Technologies, Inc. LP35 Datasheet HTML 8Page - Sensata Technologies, Inc. LP35 Datasheet HTML 9Page - Sensata Technologies, Inc. LP35 Datasheet HTML 10Page - Sensata Technologies, Inc. LP35 Datasheet HTML 11Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
www.sensata.com
Copyright © 2019 Sensata Technologies, Inc.
Page 7
TETHER OPTIONS FOR STANDARD CABLE
OR M12 CONNECTOR
Other options available, consult factory. Tethers come with all the hardware shown.
T2- Long tether arm with ¼”-20 adj. hardware – M9445/053-02
T3-Short tether arm with ¼”-20 adj, hardware (fits 56C) – M9445/058-02
55
2,17
1/4"-20 with hex nuts
76
2,99
102
4,02
155
6,10
118
4,65
144
5,67
30° Typ
72,4
2,85
77,4
3,05
90,2
3,55
30° Typ
50
1,97
1/4"-20 x 2" with hex nuts
Solid shaft
116
4.57
= 70 =
2.756
5 to 13
[0.20 to 0.51]
cable size
(not supplied)
90
3.543
54
2.13
49
1.93
25
.98
14.5
.57
2
.08
17.5
.69
5.6
.22
22.4
.88
19.1
.75
3/8 in. Shaft with Flat



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com