Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560TL/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM48560TL/NOPB
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560TL/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM48560TL/NOPB Datasheet HTML 9Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LM48560
www.ti.com
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
8.3.6 Release Time
Release time (tRL) is the time it takes for the gain to return from 6 dB to its normal level once the audio signal
returns below the ALC threshold. A fast release time allows the ALC to react quickly to transients, preserving the
original dynamics of the audio source. However, similar to a fast attack time, a fast release time contributes to
volume pumping. A slow release time reduces the effect of volume pumping. The release time is set by a
combination of the value of CSET and release time coefficient as given by Equation 2:
tRL = 20 MΩCSET / αRL (s)
(2)
where
αRL is the release time coefficient (Table 2) set by bits B6:B5 in the No Clip Control Register. The release
time coefficient allows the user to set a nominal release time. The internal 20 M
Ω is subject to temperature
change, and it has tolerance between -11% to +20%.
Table 2. Release Time Coefficient
B6
B5
αRL
0
0
4
0
1
5.3
1
0
9.5
1
1
11.8
8.3.7 Boost Converter
The LM48560 device features an integrated boost converter with a dynamic output control. The device monitors
the output signal of the amplifier, and adjusts the output voltage of the boost converter to maintain sufficient
headroom while improving efficiency.
8.3.8 Gain Setting
The LM48560 device features four internally configured gain settings 0 db, 6 dB, and 30 dB. The device gain is
selected through a single pin (GAIN). The gain settings are shown in Table 3.
Table 3. Gain Setting
GAIN SETTING
GAIN SETTING
GAIN
IN1
IN2
0
0 dB
24 dB
1
6 dB
30 dB
8.3.9 Shutdown Function
The LM48560 device features a low current shutdown mode. Set SD = GND to disable the amplifier and boost
converter and reduce supply current to 0.01 µA.
8.4 Device Functional Modes
8.4.1 Software or Hardware Mode
Device operation in hardware or software mode is determined by the state of the SW/HW pin. Connect SW/HW
to ground for hardware mode, and connect to VDD for software mode.
SW/HW
SDA/SEL
SCL/GAIN
MODE
0
IN1, Av = 0
0
(Boost Disabled)
1
IN1, Av = 6
0
0
IN2, Av = 24
1
(Boost Enabled)
1
IN2, Av = 30
1
SDA
SCL
I2C Mode
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com