Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560TL/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LM48560TL/NOPB
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560TL/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM48560TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MUX/
GAIN
STAGE
VDD
IN1+
IN1-
SGND
OUT+
OUT-
+2.7V to +5.5V
CS
CBST
BOOST
CONVERTER
ALC
SCL/GAIN
SW
PGND
VBST
L1
SHDN
D1
4.7 PH
1 PF
10:
I2C
INTERFACE
IN2+
IN2-
SDA/SEL
0.47 PF
CIN
CIN
CIN
CIN
SET
SW/HW
0.47 PF
0.47 PF
0.47 PF
RL
CL
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker
Driver With Automatic Level Control
1 Features
3 Description
The
LM48560
device
is
a
high
voltage,
high
1
•
Class H Topology
efficiency, Class H driver for ceramic speakers and
•
Integrated Boost Converter
piezo actuators. The LM48560 device’s Class H
•
Bridge-Tied Load (BTL) Output
architecture
offers
significant
power
savings
compared to traditional Class AB amplifiers. The
•
Selectable Differential Inputs
device provides 30 VP-P output drive while consuming
•
Selectable Control Interfaces
just 4 mA of quiescent current from a 3.6 V supply.
–
(Hardware or Software mode)
The LM48560 device features TI’s unique automatic
•
I2C Programmable ALC
level control (ALC) that provides output limiter
•
Low Supply Current
functionality. The LM48560 device features two fully
differential inputs with separate gain settings, and a
•
Minimum External Components
selectable control interface. In software control mode,
•
Micro-Power Shutdown
the gain control and device modes are configured
•
Available in Space-Saving DSBGA Package
through the I2C interface. In hardware control mode,
•
Key Specifications:
the gain and input mux are configured through a pair
of logic inputs.
–
Output Voltage at VDD = 3.6 V,
RL = 1.5 μF + 10 Ω, THD+N ≤ 1%
The LM48560 device has a low power shutdown
mode that reduces quiescent current consumption to
–
30 VP-P (Typical)
0.1
μA. The LM48560 device is available in an ultra-
–
Quiescent Power Supply Current
small 16–bump DSBGA package (1.97 mm × 1.97
at 3.6 V (ALC Enabled)
mm).
–
4 mA (Typical)
Device Information(1)
–
Power Dissipation at 25 VP-P, 1 W (Typical)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
–
Shutdown Current, 0.1
μA (Typical)
LM48560
DSBGA (16)
1.97 mm × 1.97 mm
2 Applications
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
•
Touch Screen Smart Phones
•
Tablet PCs
Typical Application Circuit
•
Portable Electronic Devices
•
MP3 Players
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM48560TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560TL/NOPB TI1-LM48560TL/NOPB Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
More results

Similar Description - LM48560TL/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM48560 TI1-LM48560 Datasheet
2Mb / 28P
High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
November 10, 2011
LM48580TLX TI-LM48580TLX Datasheet
1Mb / 19P
LM48580 Boomer??Audio Power Amplifier Series High Efficiency Class H, High Voltage, Haptic Piezo Actuator / Ceramic Speaker Driver
LM48560 TI1-LM48560_13 Datasheet
2Mb / 26P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver with Automatic Level Control
LM4952 TI-LM4952_15 Datasheet
1Mb / 25P
Boomer Audio Power Amplifier Series 3.1W Stereo-SE Audio Power Amplifier with DC Volume Control
LM48560 TI1-LM48560_15 Datasheet
1Mb / 27P
Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver
logo
Fangtek Ltd.
FT2045 FANGTEK-FT2045 Datasheet
1Mb / 22P
3W Class-D Audio Power Amplifier with Automatic Level Control
FT2128 FANGTEK-FT2128 Datasheet
1Mb / 23P
3.4W Class-D Audio Power Amplifier with Dual Modes of Automatic Level Control
FT2705 FANGTEK-FT2705 Datasheet
1Mb / 25P
2X10W Class-D Stereo Audio Power Amplifier with Automatic Level Control
FT2925 FANGTEK-FT2925 Datasheet
1Mb / 27P
2x6W Class-G Stereo Audio Power Amplifier with Automatic Level Control & Battery Tracking AGC
logo
SG Micro Corp
SGM4700 SGMICRO-SGM4700 Datasheet
1Mb / 33P
High-Power Stereo Class-D Audio Power Amplifier with Adjustable Power Limit and Automatic Level Control
DECEMBER 2022 - REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com