Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560TL/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM48560TL/NOPB
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560TL/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM48560TL/NOPB Datasheet HTML 10Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 11Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 12Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 13Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 14Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 15Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 16Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 17Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
START
MSB
DEVICE ADDRESS
R/W
LSB
ACK
SCL
SDA
REGISTER ADDRESS
REGISTER DATA
ACK
ACK
STOP
IN-
IN+
LM48560
SINGLE-ENDED
INPUT
LM48560
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
www.ti.com
8.4.2 Single-Ended Input Configuration
The LM48560 device is compatible with single-ended sources. When configured for single-ended inputs, input
capacitors must be used to block and DC component at the input of the device. Figure 25 shows the typical
single-ended applications circuit.
Figure 25. Single-Ended Input Configuration
8.5 Programming
8.5.1 Read/Write I2C Compatible Interface
The LM48560 device is controlled through an I2C compatible serial interface that consists of a serial data line
(SDA) and a serial clock (SCL). The clock line is uni-directional. The data line is bi-directional (open drain). The
LM48560 device and the master can communicate at clock rates up to 400 kHz. Figure 1 shows the I2C interface
timing diagram. Data on the SDA line must be stable during the HIGH period of SCL. The LM48560 device is a
transmit/receive slave-only device, reliant upon the master to generate the SCL signal. Each transmission
sequence is framed by a START condition and a STOP condition Figure 2. Each data word, device address and
data, transmitted over the bus is 8 bits long and is always followed by an acknowledge pulse Figure 26. The
LM48560 device address is 1101111.
8.5.2 Write Sequence
The example write sequence is shown in Figure 26. The START signal, the transition of SDA from HIGH to LOW
while SDA is HIGH, is generated, altering all devices on the bus that a device address is being written to the bus.
The 7-bit device address is written to the bus, most significant bit (MSB) first, followed by the R/W bit (R/W = 0
indicating the master is writing to the LM48560 device). The data is latched in on the rising edge of the clock.
Each address bit must be stable while SDA is HIGH. After the R/W bit is transmitted, the master device releases
SDA, during which time, an acknowledge clock pulse is generated by the slave device. If the LM48560 device
receives the correct address, the device pulls the SDA line low, generating and acknowledge bit (ACK).
Once the master device registers the ACK bit, the 8-bit register address word is sent, MSB first. Each data bit
should be stable while SCL is HIGH. After the 8-bit register address is sent, the LM48560 device sends another
ACK bit. Upon receipt of the acknowledge, the 8-bit register data is sent, MSB first. The register data word is
followed by an ACK, upon receipt of which, the master issues a STOP bit, allowing SDA to go high while SDA is
high.
Figure 26. Example I2C Write Cycle
8.5.3 Read Sequence
The example read sequence is shown in Figure 27. The START signal, the transition of SDA from HIGH to LOW
while SDA is HIGH, is generated, altering all devices on the bus that a device address is being written to the bus.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com