Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM48560TL/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM48560TL/NOPB
Description  LM48560 Boomer™ Audio Power Amplifier Series High Voltage Class H Ceramic Speaker Driver With Automatic Level Control
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM48560TL/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM48560TL/NOPB Datasheet HTML 1Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 2Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 3Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 4Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 5Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 6Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 7Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 8Page - Texas Instruments LM48560TL/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
2
1
A
B
C
D
4
OUT+
SGND
IN1-
IN1+
OUT-
SHDN
IN2-
IN2+
VBST
SW/HW
SCL/
GAIN
SDA/SEL
SET
VDD
SW
PGND
LM48560
www.ti.com
SNAS513F – AUGUST 2011 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
YZR Package
16-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
A1
OUT+
O
Amplifier Non-Inverting Output
A2
SGND
—
Amplifier Ground
A3
IN1–
I
Amplifier Inverting Input 1
A4
IN1+
I
Amplifier Non-Inverting Input 1
B1
OUT–
O
Amplifier Inverting Output
Active Low Shutdown. Connect SHDN to GND to disable device.
B2
SHDN
I
Connect SHDN to VDD for normal operation
B3
IN2–
I
Amplifier Inverting Input 2
B4
IN2+
I
Amplifier Non-Inverting Input 2
C1
VBST
—
Boost Converter Output
Mode Selection Control:
C2
SW/HW
I
SW/HW = 0
→ Hardware Mode
SW/HW = 1
→ Software Mode
I2C Serial Clock Input (Software Mode)
C3
SCL/GAIN
I
Gain Select Input (Hardware Mode)
see (Table 5)
I2C Serial Data Input (Software Mode)
C4
SDA/SEL
I/O
Amplifier Input Select (Hardware Mode)
see (Table 5)
D1
SET
—
ALC Timing Input
D2
VDD
—
Power Supply
D3
SW
—
Boost Converter Switching Node
D4
PGND
—
Boost Converter Ground
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48560



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com