Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116-HT Datasheet(PDF) 20 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 16Page - Texas Instruments LM5116-HT Datasheet HTML 17Page - Texas Instruments LM5116-HT Datasheet HTML 18Page - Texas Instruments LM5116-HT Datasheet HTML 19Page - Texas Instruments LM5116-HT Datasheet HTML 20Page - Texas Instruments LM5116-HT Datasheet HTML 21Page - Texas Instruments LM5116-HT Datasheet HTML 22Page - Texas Instruments LM5116-HT Datasheet HTML 23Page - Texas Instruments LM5116-HT Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
'VOUT = 3A x
1
8 x 250 kHz x 320
0.4 m:
2 +
2
PF
'VOUT = 4.8 mV
VOUT = IPP x
1
8 x fSW x COUT
ESR
2 +
P
2
10V/V x 10 m:
5 PA/V x 6 PH
CRAMP =
= 300 pF
A x RS
gm x L
CRAMP ,
5V
7A +
0.11V
RS
2 x 6 PH x 250 kHz
5V
7V
1 +
x
0.011:
d
d
VOUT
IO +
VCS(TH)
RS
2 x L x fSW
VOUT
VIN(MIN)
1 +
x
@
ILIM =
VCS(TH)
RS
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
The nearest standard value of 6 µH will be used. The inductor must be rated for the peak current to prevent
saturation. During normal operation, the peak current occurs at maximum load current plus maximum ripple.
During overload conditions with properly scaled component values, the peak current is limited to VCS(TH) / RS
(See next section). At the maximum input voltage with a shorted output, the valley current must fall below VCS(TH)
/ RS before the high-side MOSFET is allowed to turn on. The peak current in steady state will increase to VIN(MAX)
x tON(min) / L above this level. The chosen inductor must be evaluated for this condition, especially at elevated
temperature where the saturation current rating may drop significantly.
CURRENT SENSE RESISTOR
The current limit is set by the current sense resistor value (RS).
(10)
For a 5-V output, the maximum current sense signal occurs at the minimum input voltage, so RS is calculated
from:
(11)
For this example VCCX = 0 V, so VCS(TH) = 0.11 V. The current sense resistor is calculated as:
(12)
The next lowest standard value of 10 m
Ω was chosen for RS.
RAMP CAPACITOR
With the inductor and sense resistor value selected, the value of the ramp capacitor (CRAMP) necessary for the
emulation ramp circuit is:
(13)
Where L is the value of the output inductor in Henrys, gm is the ramp generator transconductance (5 µA/V), and
A is the current sense amplifier gain (10 V/V). For the 5-V output design example, the ramp capacitor is
calculated as:
(14)
The next lowest standard value of 270 pF was selected for CRAMP. A COG type capacitor with 5% or better
tolerance is recommended.
OUTPUT CAPACITORS
The output capacitors smooth the inductor ripple current and provide a source of charge for transient loading
conditions. For this design example, five 100-µF ceramic capacitors where selected. Ceramic capacitors provide
very low equivalent series resistance (ESR), but can exhibit a significant reduction in capacitance with DC bias.
From the manufacturer’s data, the ESR at 250 kHz is 2 m
Ω / 5 = 0.4 mΩ, with a 36% reduction in capacitance at
5 V. This is verified by measuring the output ripple voltage and frequency response of the circuit. The
fundamental component of the output ripple voltage is calculated as:
(15)
With typical values for the 5-V design example:
(16)
20
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com