Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116-HT Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments LM5116-HT Datasheet HTML 10Page - Texas Instruments LM5116-HT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
100.00
1000.00
10000.00
100000.00
1000000.00
120
130
140
150
160
170
180
Continuous T J (°C)
LM5116-HT
www.ti.com
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
Electrical Characteristics (continued)
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -55°C to
+175°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V,
VCC = 7.4 V, VCCX = 0 V, EN = 5 V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
HO Gate Driver
VOLH
HO Low-state Output Voltage
IHO = 100 mA
0.17
0.8
V
VOHH
HO High-state Output Voltage
IHO = -100 mA,
0.45
V
VOHH = VHB – VHO
HO Rise Time
C-load = 1000 pF
19
ns
HO High-side Fall Time
C-load = 1000 pF
13
ns
IOHH
Peak HO Source Current
VHO = 0 V
1
A
IOLH
Peak HO Sink Current
VHO = VCC
2.2
A
HB to SW under-voltage
3
V
Switching Characteristics
LO Fall to HO Rise Delay
C-load = 0
75
ns
HO Fall to LO Rise Delay
C-load = 0
70
ns
xxx
(1)
See datasheet for absolute maximum and minimum recommended operating conditions.
(2)
Silicon operating life design goal is 10 years at 105°C junction temperature (does not include package interconnect
life).
(3)
The predicted operating lifetime vs. junction temperature is based on reliability modeling using electromigration as the
dominant failure mechanism affecting device wearout for the specific device process and design characteristics.
(4)
This device is qualified for 1000 hours of continuous operation at maximum rated temperature.
Figure 1. LM5116-HT Operating Life Derating Chart
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com