Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116-HT Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 24Page - Texas Instruments LM5116-HT Datasheet HTML 25Page - Texas Instruments LM5116-HT Datasheet HTML 26Page - Texas Instruments LM5116-HT Datasheet HTML 27Page - Texas Instruments LM5116-HT Datasheet HTML 28Page - Texas Instruments LM5116-HT Datasheet HTML 29Page - Texas Instruments LM5116-HT Datasheet HTML 30Page - Texas Instruments LM5116-HT Datasheet HTML 31Page - Texas Instruments LM5116-HT Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ZZEA =
1
CCOMP x RCOMP
ZO =
1
(CHF + CCOMP) x RFB2
ZHF =
CHF x CCOMP x RCOMP
(CHF + CCOMP)
LM5116-HT
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
www.ti.com
(49)
Where AOL = 10,000 (80 dB) and ωBW = 2π x fBW. GEA(S) is the ideal error amplifier gain, which is modified at DC
and high frequency by the open loop gain of the amplifier and the feedback divider ratio.
Figure 17. 5-V 7-A Typical Application Schematic
Table 1. Bill of Materials for 7-V - 60-V Input, 5-V 7-A Output, 250 kHz
ID
Part Number
Type
Size
Parameters
Qty
Vendor
C1, C2, C14
C2012X7R1E105K
Capacitor, Ceramic
0805
1µF, 25V, X7R
3
TDK
C3
VJ0603Y103KXAAT
Capacitor, Ceramic
0603
0.01µF, 50V, X7R
1
Vishay
C4
VJ0603A271JXAAT
Capacitor, Ceramic
0603
270pF, 50V, COG, 5%
1
Vishay
C5, C15
VJ0603Y101KXAT
Capacitor, Ceramic
0603
100pF, 50V, X7R
2
Vishay
W1BC
C6
VJ0603Y332KXXAT
Capacitor, Ceramic
0603
3300pF, 25V, X7R
1
Vishay
C7
Capacitor, Ceramic
0603
Not Used
0
C8, C9, C10,
C4532X7R2A225M
Capacitor, Ceramic
1812
2.2µF, 100V X7R
4
TDK
C11
C12
C3225X7R2A105M
Capacitor, Ceramic
1210
1µF, 100V X7R
1
TDK
C13
C2012X7R2A104M
Capacitor, Ceramic
0805
0.1µF, 100V X7R
1
TDK
C16, C17, C18,
C4532X6S0J107M
Capacitor, Ceramic
1812
100µF, 6.3V, X6S, 105°C
5
TDK
C19, C20
C21, C22
Capacitor, Tantalum
D Case
Not Used
0
C23
Capacitor, Ceramic
0805
Not Used
0
28
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com