Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116-HT Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5116-HT Datasheet HTML 9Page - Texas Instruments LM5116-HT Datasheet HTML 10Page - Texas Instruments LM5116-HT Datasheet HTML 11Page - Texas Instruments LM5116-HT Datasheet HTML 12Page - Texas Instruments LM5116-HT Datasheet HTML 13Page - Texas Instruments LM5116-HT Datasheet HTML 14Page - Texas Instruments LM5116-HT Datasheet HTML 15Page - Texas Instruments LM5116-HT Datasheet HTML 16Page - Texas Instruments LM5116-HT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VIN
VIN
0.1 2F
AGND
1
6
L
COUT
SW
VCCX
VOUT
CVCCX
LM5116-HT
www.ti.com
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
Upon power-up, the regulator sources current into the capacitor connected to the VCC pin. When the voltage at
the VCC pin exceeds 4.5 V and the UVLO pin is greater than 1.215 V, the output switch is enabled and a soft-
start sequence begins. The output switch remains enabled until VCC falls below 4.5 V, EN is pulled low, the
UVLO pin falls below 1.215 V or the die temperature exceeds the thermal limit threshold.
Figure 3. VCCX Bias Supply with Additional Inductor Winding
An output voltage derived bias supply can be applied to the VCCX pin to reduce the IC power dissipation. If the
bias supply voltage is greater than 4.5 V, the internal regulator will essentially shut off, reducing the IC power
dissipation. The VCC regulator series pass transistor includes a diode between VCC and VIN that should not be
forward biased in normal operation. For an output voltage between 5 V and 15 V, VOUT can be connected
directly to VCCX. For VOUT < 5 V, a bias winding on the output inductor can be added to VOUT. If the bias
winding can supply VCCX greater than VIN, an external blocking diode is required from the input power supply to
the VIN pin to prevent VCC from discharging into the input supply.
The output of the VCC regulator is current limited to 15 mA minimum. The VCC current is determined by the
MOSFET gate charge, switching frequency and quiescent current (see MOSFETs section in the Application
Information). If VCCX is powered by the output voltage or an inductor winding, the VCC current should be
evaluated during startup to ensure that it is less than the 15 mA minimum current limit specification. IF VCCX is
powered by an external regulator derived from VIN, there is no restriction on the VCC current.
Figure 4. Input Blocking Diode for VCCX > VIN
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 80 V. During line or load transients, voltage ringing on the VIN line that exceeds the
Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and GND pins are essential.
Enable
The LM5116 contains an enable function allowing a very low input current shutdown. If the enable pin is pulled
below 0.5 V, the regulator enters shutdown, drawing less than 10 µA from the VIN pin. Raising the EN input
above 3.3 V returns the regulator to normal operation. The maximum EN transition time for proper operation is
one switching period. For example, the enable rise time must be less than 4
μs for 250 kHz operation.
A 1 M
Ω pull-up resistor to VIN can be used to interface with an open collector control signal. At low input voltage
the pull-up resistor may be reduced to 100 k
Ω to speed up the EN transition time. The EN pin can be tied directly
to VIN if this function is not needed. It must not be left floating. If low-power shutdown is not needed, the UVLO
pin should be used as an on/off control.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com