Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5116-HT Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5116-HT
Description  WIDE RANGE SYNCHRONOUS BUCK CONTROLLER
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5116-HT Datasheet(HTML) 5 Page - Texas Instruments

  LM5116-HT Datasheet HTML 1Page - Texas Instruments LM5116-HT Datasheet HTML 2Page - Texas Instruments LM5116-HT Datasheet HTML 3Page - Texas Instruments LM5116-HT Datasheet HTML 4Page - Texas Instruments LM5116-HT Datasheet HTML 5Page - Texas Instruments LM5116-HT Datasheet HTML 6Page - Texas Instruments LM5116-HT Datasheet HTML 7Page - Texas Instruments LM5116-HT Datasheet HTML 8Page - Texas Instruments LM5116-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
LM5116-HT
www.ti.com
SLVSBS8B – OCTOBER 2013 – REVISED JANUARY 2014
Operating Ratings
(1)
VIN
6 to 80
V
VCC, VCCX
4.75 to 15
V
HB to SW
4.75 to 15
V
DEMB to GND
-0.3 to 2
V
Junction Temperature
-55 to 175
°C
(1)
Note: RAMP, COMP are output pins. As such they are not specified to have an external voltage applied.
Electrical Characteristics
Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature range of -55°C to
+175°C and are provided for reference only. Unless otherwise specified, the following conditions apply: VIN = 48V,
VCC = 7.4 V, VCCX = 0 V, EN = 5 V, RT = 16 kΩ, no load on LO and HO.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN Supply
IBIAS
VIN Operating Current
VCCX = 0 V, VIN = 48 V
5
7
mA
VCCX = 0 V, VIN = 80 V
5.9
8
mA
IBIASX
VIN Operating Current
VCCX = 5 V, VIN = 48 V
1.2
1.7
mA
VCCX = 5 V, VIN = 80 V
1.6
2.3
mA
ISTDBY
VIN Shutdown Current
EN = 0 V, VIN = 48 V
1
10
µA
EN = 0 V, VIN = 80 V
1
µA
VCC Regulator
VCC(REG)
VCC Regulation
7.1
7.4
7.7
V
VCC LDO Mode Turn-off
10.6
V
VCC Regulation
VIN = 6 V
5.0
5.9
6.0
V
VCC Sourcing Current Limit
VCC = 0 V
12
26
mA
VCCX Switch Threshold
VCCX Rising
4.3
4.5
5
V
VCCX Switch Hysteresis
0.25
V
VCCX Switch RDS(ON)
ICCX = 10 mA
3.8
7
Ω
VCCX Leakage
VCCX = 0 V
-200
nA
VCCX Pull- down Resistance
VCCX = 3 V
100
k
Ω
VCC Under-voltage Threshold
VCC Rising
4
4.5
5
V
VCC Under-voltage Hysteresis
0.2
V
HB DC Bias Current
HB - SW = 15 V
125
200
µA
EN Input
VIL max
EN Input Low Threshold
0.5
V
VIH min
EN Input High Threshold
3.3
V
EN Input Bias Current
VEN = 3 V
-9
-3
1
µA
EN Input Bias Current
VEN = 0.5 V
-2
0
2
µA
EN Input Bias Current
VEN = 80 V
20
90
µA
UVLO Thresholds
UVLO Standby Threshold
UVLO Rising
1.170
1.215
1.262
V
UVLO Threshold Hysteresis
0.1
V
UVLO Pull-up Current Source
UVLO = 0 V
5.4
µA
UVLO Pull-down RDS(ON)
80
240
Ω
Soft Start
SS Current Source
SS = 0 V
8
11
14
µA
SS Diode Emulation Ramp Disable
SS Rising
3
V
Threshold
SS to FB Offset
FB = 1.25 V
160
mV
SS Output Low Voltage
Sinking 100 µA, UVLO = 0 V
45
mV
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5116-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com