Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05PL4B Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
INTERRUPTS
MC68HC05PL4
4-6
REV 2.0
4.5
16-BIT TIMER INTERRUPTS
The 16-bit programmable Timer can generate an interrupt whenever the following
events occur:
•
Input capture
•
Output compare
•
Timer counter over o w
Setting the I bit in the condition code register disables Timer interrupts. The con-
trols for these interrupts are in the Timer control register (TCR) located at $0012
and in the status bits are in the Timer status register (TSR) located at $0013.
The 16-bit programmable Timer interrupts can wake up MCU from WAIT Mode.
4.5.1 Input Capture Interrupt
An input capture interrupt occurs if the input capture ag (ICF) becomes set while
the input capture interrupt enable bit (ICIE) is also set. The ICF ag bit is in the
TSR; and the ICIE enable bit is located in the MICSR. The ICF ag bit is cleared
by a read of the TSR with the ICF ag bit is set; and then followed by a read of the
LSB of the input capture register (ICRL) or by reset. The ICIE enable bit is unaf-
fected by reset.
4.5.2 Output Compare Interrupt
An output compare interrupt occurs if the output compare ag (OCF) becomes set
while the output compare interrupt enable bit (OCIE) is also set. The OCF ag bit
is in the TSR and the OCIE enable bit is in the MICSR. The OCF ag bit is cleared
by a read of the TSR with the OCF ag bit set; and then followed by an access to
the LSB of the output compare register (OCRL) or by reset. The OCIE enable bit is
unaffected by reset.
4.5.3 Timer Overflow Interrupt
A Timer over ow interrupt occurs if the Timer over ow ag (TOF) becomes set
while the Timer over o w interrupt enable bit (TOIE) is also set. The TOF ag bit is
in the TSR and the TOIE enable bit is in the TCR. The TOF ag bit is cleared b y a
read of the TSR with the TOF ag bit set; and then followed by an access to the
LSB of the timer registers (TMRL) or by reset. The TOIE enable bit is unaffected
by reset.
4.6
8-BIT TIMER INTERRUPT
The 8-bit Timer can generate an interrupt when the Timer8 Counter Register
(T8CNTR) decrements from preset value to zero and the interrupt enable bit is
set. Setting the I bit in the condition code register disables this Timer interrupts.
The control bit for this interrupt and status bit are in the Timer 8 control register
(T8CSR) located at $000D.
The 8-Bit timer interrupt can wake up MCU from WAIT Mode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com