Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05PL4B Datasheet(PDF) 60 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
16-BIT PROGRAMMABLE TIMER
MC68HC05PL4
9-10
REV 2.0
TCMPEN - TIMER OUTPUT COMPARE ENABLE
The bit con gures por t pin PA3 for Timer16 output compare function (TCMP).
At power-on-reset, this bit is cleared, PA3 is a standard I/O port pin, TCMP sig-
nal to PA3 is disabled from Timer16.
1 = PA3 pin con gured as TCMP for timer output compare
0 = PA3 pin as standard I/O port pin
9.6
TIMER STATUS REGISTER (TSR)
The timer status register (TSR) shown in Figure 9-12 contains ags f or the follow-
ing events:
•
An active signal on the PA2/TCAP pin transferring the contents of the
timer registers to the input capture registers.
•
A match between the 16-bit counter and the output compare registers,
transferring the OLVL bit to the TCMP.
•
An over o w of the timer registers from $FFFF to $0000.
Writing to any of the bits in the TSR has no effect. Reset does not change the
state of any of the ag bits in the TSR.
ICF - INPUT CAPTURE FLAG
The ICF bit is automatically set when an edge of the selected polarity occurs on
the PA2/TCAP pin. Clear the ICF bit by reading the timer status register with
the ICF set, and then reading the low byte (ICRL, $0015) of the input capture
registers. Resets have no effect on ICF.
OCF - OUTPUT COMPARE FLAG
The OCF bit is automatically set when the value of the timer registers matches
the contents of the output compare registers. Clear the OCF bit by reading the
timer status register with the OCF set, and then accessing the low byte (OCRL,
$0017) of the output compare registers. Resets have no effect on OCF.
TOF - TIMER OVERFLOW FLAG
The TOF bit is automatically set when the 16-bit timer counter rolls over from
$FFFF to $0000. Clear the TOF bit by reading the timer status register with the
TOF set, and then accessing the low byte (TMRL, $0019) of the timer registers.
Resets have no effect on TOF.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TSR
R
ICF
OCF
TOF
00000
$0013
W
reset:
U
U
U
00000
U = UNAFFECTED BY RESET
Figure 9-12. Timer Status Registers (TSR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com