Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05PL4B Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
8-BIT TIMER
REV 2.0
10-3
T8EN - Timer8 Enable
This read/write bit enables the Timer8. Reset clears this bit.
1 = Timer8 enabled
0 = Timer8 disabled
PS2-PS0 - Prescaler select
These read/write bits is used to select the clock frequency to drive the 8-bit timer
counter. The counter will be driven by a internal bus clock (E-clock) through this
prescaler ratio. Upon reset and power on reset, the value of prescaler is set to a
default value of divided by 16.
10.3
TIMER8 COUNTER REGISTER (T8CNTR)
The T8CNTR is a read/write register which contains the current value of the 8-bit
timer counter. Reading this register enables the software to calculate the number
of internal and external clocks since the timer interrupt request ag (T8IF) was
set. Reading this address does not disturb the counter operation.
NOTE
This timer is used during the power-on sequence to time out the POR signal. The
timer is con gured at po wer-on, with a prescaler division ratio of 16 and set to $FF
in Timer counter register. Also the clock source for the COP watchdog system is
derived from the output of this timer, hence a reset or preset of the prescaler and
timer counter register may affect the frequency of the watchdog timeout.
10.4
COMPUTER OPERATING PROPERLY (COP) WATCHDOG
Please refer to section on RESETS for details.
PS2
PS1
PS0
DIVIDE RATIO
000
1
001
2
010
4
011
8
1
0
0
16 (default after reset)
101
32
110
64
111
128
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
T8CNTR R
Timer 8 Counter Register
$000E
W
reset:
UUUUUUUU
Figure 10-3. Timer8 Counter Register
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com