| Electronic Components Datasheet Search |
|
68HC05PL4B Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05PL4B Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc |
|
37 / 98 page ![]() April 30, 1998 GENERAL RELEASE SPECIFICATION MC68HC05PL4 RESETS REV 2.0 5-5 5.4 RESET STATES OF SUBSYSTEM IN MCU The following paragraphs describe how a reset initializes various sub-systems. 5.4.1 CPU A reset has the following effects on the CPU: • Loads the stack pointer with $FF. • Sets the I bit in the condition code register, inhibiting interrupts. • Loads the program counter with the user de ned reset vector from locations $1FFE and $1FFF. • Clears the stop latch, enabling the CPU clock. • Clears the wait latch, bringing the CPU out of the wait mode. 5.4.2 I/O Registers A reset has the following effects on I/O registers: • Clears bits in data direction registers con gur ing pins as inputs: – DDRA6–DDRA0 in DDRA for port A. – DDRB7–DDRB0 in DDRB for port B. – DDRC7–DDRC0 in DDRC for port C. • Has no effect on port A, B, C data registers. 5.4.3 8-Bit Timer A reset has the following effects on the 8-Bit Timer: • Timer 8 system disabled (T8EN bit cleared) • Timer 8 interrupt request disabled • Timer 8 Pre-scalar preset to divide the internal bus clock by ratio 16 • Timer 8 Counter register preset to $FF Therefore disables the timer 8 interrupt and preset the counter for POR cycle delay. 5.4.4 16-Bit Programmable Timer A reset has the following effects on the 16-bit programmable Timer: • Initializes the timer counter registers (TMRH, TMRL) to a value of $FFFC. • Initializes the alternate timer counter registers (ACRH, ACRL) to a value of $FFFC. • Clears all the interrupt enables and the output level bit (OLVL) in the timer control register (TCR). Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |