Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05PL4B Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # 68HC05PL4B
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4B Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4B Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 57Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 58Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 59Page - Freescale Semiconductor, Inc 68HC05PL4B Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
16-BIT PROGRAMMABLE TIMER
MC68HC05PL4
9-6
REV 2.0
The result obtained by an input capture will be one count higher than the value of
the free-running timer counter preceding the external transition. This delay is
required for internal synchronization. Resolution is affected by the prescaler,
allowing the free-running timer counter to increment once every four internal clock
cycles (eight oscillator clock cycles).
Reading the ICRH inhibits further captures until the ICRL is also read. Reading
the ICRL after reading the timer status register (TSR) clears the ICF ag bit. does
not inhibit transfer of the free-running counter. There is no con ict betw een read-
ing the ICRL and transfers from the free-running timer counters. The input capture
registers always contain the free-running timer counter value which corresponds
to the most recent input capture.
NOTE
To prevent interrupts from occurring between readings of the ICRH and ICRL, set
the I bit in the condition code register (CCR) before reading ICRH and clear the I
bit after reading ICRL.
9.4
OUTPUT COMPARE REGISTERS
The Output Compare function is a means of generating an output signal when the
16-bit timer counter reaches a selected value as shown in Figure 9-8. Software
writes the selected value into the output compare registers. On every fourth inter-
nal clock cycle (every eight oscillator clock cycle) the output compare circuitry
compares the value of the free-running timer counter to the value written in the
output compare registers. When a match occurs, the timer transfers the output
level (OLVL) from the timer control register (TCR) to the TCMP.
Software can use the output compare register to measure time periods, to gener-
ate timing delays, or to generate a pulse of speci c duration or a pulse train of
speci c frequency and duty cycle on the TCMP.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
ICRH
R ICRH7
ICRH6
ICRH5
ICRH4
ICRH3
ICRH2
ICRH1
ICRH0
$0014
W
reset:
UUUUUUUU
ICRL
R ICRL7
ICRL6
ICRL5
ICRL4
ICRL3
ICRL2
ICRL1
ICRL0
$0015
W
reset:
UUUUUUUU
U = UNAFFECTED BY RESET
Figure 9-7. Input Capture Registers (ICRH, ICRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com