Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204MP-ADJTRG1 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # AP2204MP-ADJTRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204MP-ADJTRG1 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button AP2204MP-ADJTRG1 Datasheet HTML 3Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 4Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 5Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 6Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 7Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 8Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 9Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 10Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
7 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Performance Characteristics (Cont.)
Output Voltage vs. Input Voltage
Output Voltage vs. Junction Temperature
Supply Current vs. Input Voltage
Ground Current vs. Junction Temperature
Ground Current vs. Output Current
Enable Current vs. Enable Input Voltage
0
4
8
12
16
20
24
28
32
36
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
AP2204-5.0
I
OUT
=150mA
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC
-40
-20
0
20
40
60
80
100
120
4.80
4.84
4.88
4.92
4.96
5.00
5.04
5.08
5.12
5.16
5.20
AP2204-5.0
Junction Temperature (
oC)
I
OUT
=10mA
I
OUT
=100mA
I
OUT
=150mA
0
2
4
6
8
10
12
14
16
18
20
22
24
0
5
10
15
20
25
30
35
40
45
50
55
60
AP2204-5.0
No Load
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
20
22
24
26
28
30
32
34
36
38
40
42
44
46
48
50
AP2204-5.0
V
IN
=6V
No Load
Junction Temperature (
oC)
0
15
30
45
60
75
90
105
120
135
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
AP2204-5.0
V
IN
=6V
T
J
=-40
oC
T
J
=+25
oC
T
J
=+125
oC
Output Current (mA)
0
2
4
6
8
10
12
14
16
18
20
22
24
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Enable Input Voltage (V)
AP2204-5.0
No Load
T
J
=+25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com