Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204MP-ADJTRG1 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP2204MP-ADJTRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204MP-ADJTRG1 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP2204MP-ADJTRG1 Datasheet HTML 5Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 6Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 7Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 8Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 9Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 10Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 11Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 12Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
9 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Performance Characteristics (Cont.)
PSRR vs. Frequency
Output Voltage vs. Output Current
(Conditions: VPP=2V, IOUT=10mA)
Maximum Output Current vs. Case Temperature
Case Temperature vs. Output Current
100
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
100
Frequency (Hz)
AP2204-3.3
V
IN
=5V
V
IN
=20V
0
100
200
300
400
500
0
1
2
3
4
5
6
7
8
9
10
Output Current (mA)
AP2204MP-ADJTRG1
V
IN
=12V, V
OUT
=7.6V
T
C
=-40
oC
T
C
=+25
oC
T
C
=+85
oC
-60
-40
-20
0
20
40
60
80
100
120
140
280
300
320
340
360
380
400
420
440
460
480
Case Temperature (
oC)
AP2204MP-ADJTRG1
V
OUT
=7.6V
V
IN
=11V
V
IN
=12V
V
IN
=13V
0
25
50
75
100
125
150
175
200
20
30
40
50
60
70
80
AP2204MP-ADJTRG1
V
OUT
=7.6V
V
IN
=12V
T
A
=+25
oC
2-Layer FR-4 PCB board with
1.5cm*1.5cm thermal sink pad
Output Current (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com