Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204MP-ADJTRG1 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP2204MP-ADJTRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204MP-ADJTRG1 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP2204MP-ADJTRG1 Datasheet HTML 10Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 11Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 12Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 13Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 14Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 15Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 16Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 17Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
16 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Suggested Pad Layout (Cont.)
(2)
Package Type: SOT-89
X1
X2
Y1
E
X
Y
Z
Dimensions
Z
(mm)/(inch)
X
(mm)/(inch)
X1
(mm)/(inch)
X2
(mm)/(inch)
Y
(mm)/(inch)
Y1
(mm)/(inch)
E
(mm)/(inch)
Value
4.600/0.181
0.550/0.022
1.850/0.073
0.800/0.031
1.300/0.051
1.475/0.058
1.500/0.059



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com