Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204MP-ADJTRG1 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP2204MP-ADJTRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204MP-ADJTRG1 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP2204MP-ADJTRG1 Datasheet HTML 4Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 5Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 6Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 7Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 8Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 9Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 10Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 11Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
8 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
Performance Characteristics (Cont.)
Line Transient
Line Transient
(Conditions: VIN=VEN=3.5V to 8V, CIN=1.0µF,
(Conditions: VIN=VEN=5V to 15V, CIN=1.0µF,
COUT=2.2µF, IOUT=1mA)
COUT=2.2µF, IOUT=1mA)
Load Transient
Load Transient
(Conditions: VIN=5V, CIN=1.0µF, COUT=2.2µF,
(Conditions: VIN=5V, CIN=1.0µF, COUT=2.2µF,
IOUT=1mA to 50mA)
IOUT=1mA to 150mA)
Enable Input Response
Start-up Response
V
IN
2V/div
VOUT
200mV/div
5V/div
VIN
VOUT
200mV/div
50mV/div
VOUT
20mA/div
IOUT
200mV/div
VOUT
IOUT
100mA/div
VEN
V
OU T
1V/div
1V/div
VOUT
1V/div
1V/div
VIN
∆V
IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com