Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP2204MP-ADJTRG1 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP2204MP-ADJTRG1
Description  WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2204MP-ADJTRG1 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP2204MP-ADJTRG1 Datasheet HTML 1Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 2Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 3Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 4Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 5Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 6Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 7Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 8Page - Diodes Incorporated AP2204MP-ADJTRG1 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP2204
Document number: DS37168 Rev. 5 - 2
1 of 18
www.diodes.com
July 2018
© Diodes Incorporated
AP2204
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Description
The AP2204 series is a positive voltage regulator IC fabricated by
high voltage EPNP process.
The AP2204 has features of wide input voltage range, high accuracy,
high ripple rejection, low dropout voltage, low noise, current limit and
ultra-low quiescent current which make it ideal for use in various USB
and portable devices.
The IC consists of a voltage reference, an error amplifier, a resistor
network for setting output voltage, a current limit circuit for current
protection, and a chip enable circuit.
The AP2204 has 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 5.0V fixed
voltage versions and adjustable voltage version.
The AP2204 is available in space-saving SOT-23-5, SOT-89 and
PSOP-8 packages.
Features
Wide Input Voltage Range: 2.6V to 24V
Wide Output Voltage Range: 1.24V to 22V
Excellent Ripple Rejection: 60dB@ f = 1kHz
Low Dropout Voltage: VDROP = 100mV@ IOUT = 100µA
Low Ground Current
High Output Voltage Accuracy
Compatible with Low ESR Ceramic Capacitor
Excellent Line/Load Regulation
Thermal Shutdown Function
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Applications
Battery-powered Equipment
Laptop, Palmtops, Notebook Computers
Portable Information Appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-free/ for more information about Diodes
Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Pin Assignments
(Top View)
(Top View)
(Top View)
SOT-89 (Option 1)
SOT-89 (Option 2)
SOT-89 (Option 2)
R (Note 4)
R (Note 4)
RA (Note 5)
(Top View)
(Top View)
(Top View)
(Top View)
SOT-89 (Option 1)
SOT-89 (Option 2)
SOT-23-5
PSOP-8
RB (Note 4)
RB (Note 4)
Notes:
4. The substrate/exposed pad should be connected to GND.
5. The substrate/exposed pad should be connected to VIN.
6. The exposed pad should be connected to GND for better dissipation.
1
2
3
GND
VOUT
GND
VIN
1
2
3
VIN
VOUT
VIN
GND
1
2
3
GND
VIN
GND
VOUT
1
2
3
GND
VIN
GND
VOUT
1
2
3
4
5
VIN
GND
EN
VOUT
ADJ/NC
1
2
3
4
8
7
6
5
VOUT
NC
NC
ADJ/NC
VIN
GND
NC
EN
Exposed
Pad
(Note 6)
1
2
3
GND
VOUT
GND
VIN


Similar Part No. - AP2204MP-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
AP2204K-1.5TRG1 BCDSEMI-AP2204K-1.5TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
TECH PUBLIC Electronics...
AP2204K-1.5TRG1 TECHPUBLIC-AP2204K-1.5TRG1 Datasheet
3Mb / 6P
WIDE INPUT VOLTAGE RANGE, LDO REGULATOR
logo
BCD Semiconductor Manuf...
AP2204K-1.8TRG1 BCDSEMI-AP2204K-1.8TRG1 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
TECH PUBLIC Electronics...
AP2204K-1.8TRG1 TECHPUBLIC-AP2204K-1.8TRG1 Datasheet
3Mb / 6P
WIDE INPUT VOLTAGE RANGE, LDO REGULATOR
More results

Similar Description - AP2204MP-ADJTRG1

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7383 DIODES-AP7383 Datasheet
412Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
August 2020
AP7387Q DIODES-AP7387Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 150mA ULDO REGULATOR
Rev. 2 - 2 October 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com