Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252 Datasheet(PDF) 24 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 24 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 20Page - Microchip Technology LAN9252 Datasheet HTML 21Page - Microchip Technology LAN9252 Datasheet HTML 22Page - Microchip Technology LAN9252 Datasheet HTML 23Page - Microchip Technology LAN9252 Datasheet HTML 24Page - Microchip Technology LAN9252 Datasheet HTML 25Page - Microchip Technology LAN9252 Datasheet HTML 26Page - Microchip Technology LAN9252 Datasheet HTML 27Page - Microchip Technology LAN9252 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 329 page
background image
LAN9252
DS00001909A-page 24
 2015 Microchip Technology Inc.
Note 9:
Although this pin is an output for SPI instructions, it includes a pull-up since it is also SIO bit 1.
TABLE 3-8:
SPI/SQI PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
1
SPI/SQI Slave
Chip Select
SCS#
VIS
(PU)
This pin is the SPI/SQI slave chip select input.
When low, the SPI/SQI slave is selected for SPI/SQI
transfers. When high, the SPI/SQI serial data out-
put(s) is(are) 3-stated.
1
SPI/SQI Slave
Serial Clock
SCK
VIS
(PU)
This pin is the SPI/SQI slave serial clock input.
4
SPI/SQI Slave
Serial Data
Input/Output
SIO[3:0]
VIS/VO8
(PU)
These pins are the SPI/SQI slave data input and
output for multiple bit I/O.
SPI Slave Serial
Data Input
SI
VIS
(PU)
This pin is the SPI slave serial data input. SI is
shared with the SIO0 pin.
SPI Slave Serial
Data Output
SO
VO8
(PU)
Note 9
This pin is the SPI slave serial data output. SO is
shared with the SIO1 pin.
TABLE 3-9:
ETHERCAT DISTRIBUTED CLOCK PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
2
Sync
SYNC[1]
SYNC[0]
VO8
These pins are the Distributed Clock Sync (OUT) or
Latch (IN) signals. The direction is bitwise
configurable.
Note:
These signals are not driven (high
impedance) until the EEPROM is
loaded.
Latch
LATCH[1]
LATCH[0]
VIS
TABLE 3-10:
ETHERCAT DIGITAL I/O AND GPIO PIN DESCRIPTIONS
Num
Pins
Name
Symbol
Buffer
Type
Description
16
General
Purpose Input
GPI[15:0]
VIS
These pins are the general purpose inputs and are
directly mapped into the General Purpose Inputs
Register
. Consistency of the general purpose
inputs is not provided.
General
Purpose Output
GPO[15:0]
VO8
These pins are the general purpose outputs and
reflect the values of the General Purpose Outputs
Register
without watchdog protection.
Note:
These signals are not driven (high
impedance) until the EEPROM is
loaded.
16
Digital I/O
DIGIO[15:0]
VIS/VO8
These pins are the input/output or bidirectional data.
Note:
These signals are not driven (high
impedance) until the EEPROM is
loaded.
1
Output Valid
OUTVALID
VO8
This pin indicates that the outputs are valid and can
be captured into external registers.
Note:
The signal is not driven (high imped-
ance) until the EEPROM is loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com