Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252 Datasheet(PDF) 63 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 63 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 59Page - Microchip Technology LAN9252 Datasheet HTML 60Page - Microchip Technology LAN9252 Datasheet HTML 61Page - Microchip Technology LAN9252 Datasheet HTML 62Page - Microchip Technology LAN9252 Datasheet HTML 63Page - Microchip Technology LAN9252 Datasheet HTML 64Page - Microchip Technology LAN9252 Datasheet HTML 65Page - Microchip Technology LAN9252 Datasheet HTML 66Page - Microchip Technology LAN9252 Datasheet HTML 67Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 63
LAN9252
Qualification of the ALELO signal with the CS signal is selectable. When qualification is enabled, CS must be active
during ALELO in order to strobe the address inputs. When qualification is not enabled, CS is a don’t care during the
address phase.
The address is retained for all future read and write operations. It is retained until either a reset event occurs or a new
address is loaded. This allows multiple read and write requests to take place to the same address, without requiring
multiple address latching operations.
9.4.1.2
Dual Phase Address Latching
In Dual Phase mode, the lower 8 address bits are strobed into the device using the inactive going edge of the ALELO
signal and the remaining upper address bits, the FIFO Direct Select signals and the endianness select are strobed into
the device using the trailing edge of the ALEHI signal. The strobes can be in either order. In 8-bit data mode, pins
AD[15:8] are not used. In 16-bit data mode, pins D[15:8] are used only for data.
Qualification of the ALELO and ALEHI signals with the CS signal is selectable. When qualification is enabled, CS must
be active during ALELO and ALEHI in order to strobe the address inputs. When qualification is not enabled, CS is a
don’t care during the address phase.
The address is retained for all future read and write operations. It is retained until either a reset event occurs or a new
address is loaded. This allows multiple read and write requests to take place to the same address, without requiring
multiple address latching operations.
9.4.1.3
Address Bit to Address / Data Pin Mapping
In 8-bit data mode, address bit 0 is multiplexed onto pin AD[0], address bit 1 onto pin AD[1], etc. The highest address
bit is bit 9 and is multiplexed onto pin AD[9] (single phase) or AD[1] (dual phase). The address latched into the device
is considered a BYTE address and covers 1K bytes (0 to 3FFh).
In 16-bit data mode, address bit 1 is multiplexed onto pin AD[0], address bit 2 onto pin AD[1], etc. The highest address
bit is bit 9 and is multiplexed onto pin AD[8] (single phase) or AD[0] (dual phase). The address latched into the device
is considered a WORD address and covers 512 words (0 to 1FFh).
When the address is sent to the rest of the device, it is converted to a BYTE address.
9.4.1.4
Endianness Select to Address / Data Pin Mapping
The endianness select is included into the multiplexed address to allow the host system to dynamically select the endi-
anness based on the memory address used. This allows for mixed endian access for registers and memory.
The endianness selection is multiplexed to the data pin one bit above the last address bit.
9.4.1.5
FIFO Direct Select to Address / Data Pin Mapping
The FIFO Direct Select signal is included into the multiplexed address to allow the host system to address the EtherCAT
Process RAM Data FIFOs as if they were a large flat address space.
The FIFO Direct Select signal is multiplexed to the data pin two bits above the last address bit.
9.4.2
DATA CYCLES
The host data bus can be 16 or 8-bits wide while all internal registers are 32 bits wide. The Host Bus Interface performs
the conversion from WORDs or BYTEs to DWORD, while in 8 or 16-bit data mode. Two or four contiguous accesses
within the same DWORD are required in order to perform a write or read.
9.4.2.1
Write Cycles
A write cycle occurs when CS and WR are active (or when ENB is active with RD_WR indicating write). The host address
and endianness were already captured during the address latch cycle.
On the trailing edge of the write cycle (either WR or CS or ENB going inactive), the host data is captured into registers
in the HBI. Depending on the bus width, either a WORD or a BYTE is captured. For 8 or 16-bit data modes, this functions
as the DWORD assembly with the affected WORD or BYTE determined by the lower address inputs. BYTE swapping
is also done at this point based on the endianness.
WRITES FOLLOWING INITIALIZATION
Following device initialization, writes from the Host Bus are ignored until after a read cycle is performed.
WRITES DURING AND FOLLOWING POWER MANAGEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com