Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252 Datasheet(PDF) 83 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 83 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 79Page - Microchip Technology LAN9252 Datasheet HTML 80Page - Microchip Technology LAN9252 Datasheet HTML 81Page - Microchip Technology LAN9252 Datasheet HTML 82Page - Microchip Technology LAN9252 Datasheet HTML 83Page - Microchip Technology LAN9252 Datasheet HTML 84Page - Microchip Technology LAN9252 Datasheet HTML 85Page - Microchip Technology LAN9252 Datasheet HTML 86Page - Microchip Technology LAN9252 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 329 page
background image
 2015 Microchip Technology Inc.
DS00001909A-page 83
LAN9252
9.5.1
HOST BUS INTERFACE INDEX REGISTER
The Index registers are writable as WORDs or as BYTEs, depending upon the data mode. There is no concern about
DWORD assembly rules when writing these registers. The Index registers are formatted as follows:
Note 13:
The default may be used to help determine the endianness of the register.
9.5.2
HOST BUS INTERFACE CONFIGURATION REGISTER
The HBI Configuration register is used to specify the endianness of the interface. Endianess for each Index / Data pair
and for FIFO accesses can be individually specified.
The endianness of this register is irrelevant since each byte is shadowed into 4 positions.
The HBI Configuration register is writable as WORDs or as BYTEs, depending upon the data mode. There is no concern
about DWORD assembly rules when writing this register. The Configuration register is formatted as follows:
Bits
Description
Type
Default
31:16
RESERVED
RO
-
15:0
Internal Address
The address used when the corresponding Data register is accessed.
Note:
The internal address provided by each Index register is always
considered to be a BYTE address.
R/W
1234h
Note 13
Bits
Description
Type
Default
31:28
RESERVED
RO
-
27
FIFO Endianness Shadow 3
This bit is a shadow of bit 3.
R/W
0b
26
Host Bus Interface Index / Data Register 2 Endianness Shadow 3
This bit is a shadow of bit 2.
R/W
0b
25
Host Bus Interface Index / Data Register 1 Endianness Shadow 3
This bit is a shadow of bit 1.
R/W
0b
24
Host Bus Interface Index / Data Register 0 Endianness Shadow 3
This bit is a shadow of bit 0.
R/W
0b
23:20
RESERVED
RO
-
19
FIFO Endianness Shadow 2
This bit is a shadow of bit 3.
R/W
0b
18
Host Bus Interface Index / Data Register 2 Endianness Shadow 2
This bit is a shadow of bit 2.
R/W
0b
17
Host Bus Interface Index / Data Register 1 Endianness Shadow 2
This bit is a shadow of bit 1.
R/W
0b
16
Host Bus Interface Index / Data Register 0 Endianness Shadow 2
This bit is a shadow of bit 0.
R/W
0b
15:12
RESERVED
RO
-
11
FIFO Endianness Shadow 1
This bit is a shadow of bit 3.
R/W
0b
10
Host Bus Interface Index / Data Register 2 Endianness Shadow 1
This bit is a shadow of bit 2.
R/W
0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com