Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252 Datasheet(PDF) 98 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 98 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 94Page - Microchip Technology LAN9252 Datasheet HTML 95Page - Microchip Technology LAN9252 Datasheet HTML 96Page - Microchip Technology LAN9252 Datasheet HTML 97Page - Microchip Technology LAN9252 Datasheet HTML 98Page - Microchip Technology LAN9252 Datasheet HTML 99Page - Microchip Technology LAN9252 Datasheet HTML 100Page - Microchip Technology LAN9252 Datasheet HTML 101Page - Microchip Technology LAN9252 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 329 page
background image
LAN9252
DS00001909A-page 98
 2015 Microchip Technology Inc.
9.5.7
INDEXED ADDRESSING MODE TIMING REQUIREMENTS
The following figures and tables specify the timing requirements during Indexed Address mode. Since timing require-
ments are similar across the multitude of operations (e.g. 8 vs. 16-bit, Index vs. Configuration vs. Data registers, FIFO
Direct Select), many timing requirements are illustrated in the same figures and do not necessarily represent any par-
ticular functional operation.
The following should be noted for the timing specifications in this section:
• The diagrams in this section depict active-high CS, RD, WR, RD_WR and ENB signals. The polarities of these sig-
nals are selectable via the HBI Chip Select Polarity, HBI Read, Read/Write Polarity, and HBI Write, Enable Polar-
ity bits of the PDI Configuration Register (HBI Modes), respectively. Refer to Section 9.3, "Control Line Polarity,"
on page 62 for additional details.
• A read cycle maybe followed by followed by a write cycle or another read cycle. A write cycle maybe followed by
followed by a read cycle or another write cycle. These are shown in dashed line.
9.5.7.1
Read Timing Requirements
If RD and WR signaling is used, a host read cycle begins when RD is asserted with CS active. The cycle ends when RD
is de-asserted. CS maybe asserted and de-asserted along with RD but not during RD active.
Alternatively, if RD_WR and ENB signaling is used, a host read cycle begins when ENB is asserted with CS active and
RD_WR indicating a read. The cycle ends when ENB is de-asserted. CS maybe asserted and de-asserted along with
ENB but not during ENB active.
Please refer to Section 9.5.6, "Indexed Address Mode Functional Timing Diagrams," on page 90 for functional descrip-
tions.
FIGURE 9-36:
INDEXED ADDRESSING READ CYCLE TIMING
trddv, tcsdv
A[4:0]
ENB, RD
D[15:8]
D[7:0]
WR
CS
trdon, tcson
trddh, tcsdh
tadv
trd
trddz, tcsdz
trdrd
trdwr
trdcyc
RD_WR
trdwrs
trdwrh
tcsrd
trdcs
tah
tas



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com