Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9252 Datasheet(PDF) 34 Page - Microchip Technology

Part # LAN9252
Description  2/3-Port EtherCAT® Slave Controller with Integrated Ethernet PHYs
PDF  329 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9252 Datasheet(HTML) 34 Page - Microchip Technology

Back Button LAN9252 Datasheet HTML 30Page - Microchip Technology LAN9252 Datasheet HTML 31Page - Microchip Technology LAN9252 Datasheet HTML 32Page - Microchip Technology LAN9252 Datasheet HTML 33Page - Microchip Technology LAN9252 Datasheet HTML 34Page - Microchip Technology LAN9252 Datasheet HTML 35Page - Microchip Technology LAN9252 Datasheet HTML 36Page - Microchip Technology LAN9252 Datasheet HTML 37Page - Microchip Technology LAN9252 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 329 page
background image
LAN9252
DS00001909A-page 34
 2015 Microchip Technology Inc.
5.1
System Control and Status Registers
The System CSRs are directly addressable memory mapped registers with a base address offset range of 050h to 314h.
These registers are addressable by the Host via the Host Bus Interface (HBI) or SPI/SQI. For more information on the
various device modes and their corresponding address configurations, see Section 2.0, "General Description," on
page 8.
Table 5-1 lists the System CSRs and their corresponding addresses in order. All system CSRs are reset to their default
value on the assertion of a chip-level reset.
The System CSRs can be divided into the following sub-categories. Each of these sub-categories is located in the cor-
responding chapter and contains the System CSR descriptions of the associated registers. The register descriptions
are categorized as follows:
• Section 6.2.3, "Reset Registers," on page 42
• Section 6.3.5, "Power Management Registers," on page 47
• Section 8.3, "Interrupt Registers," on page 56
• Section 12.13, "EtherCAT CSR and Process Data RAM Access Registers (Directly Addressable)," on page 214
• Section 16.1, "Miscellaneous System Configuration & Status Registers," on page 301
Note:
Unlisted registers are reserved for future use.
TABLE 5-1:
SYSTEM CONTROL AND STATUS REGISTERS
Address
Register Name (Symbol)
000h-01Ch
EtherCAT Process RAM Read Data FIFO (ECAT_PRAM_RD_DATA)
020h-03Ch
EtherCAT Process RAM Write Data FIFO (ECAT_PRAM_WR_DATA)
050h
Chip ID and Revision (ID_REV)
054h
Interrupt Configuration Register (IRQ_CFG)
058h
Interrupt Status Register (INT_STS)
05Ch
Interrupt Enable Register (INT_EN)
064h
Byte Order Test Register (BYTE_TEST)
074h
Hardware Configuration Register (HW_CFG)
084h
Power Management Control Register (PMT_CTRL)
08Ch
General Purpose Timer Configuration Register (GPT_CFG)
090h
General Purpose Timer Count Register (GPT_CNT)
09Ch
Free Running 25MHz Counter Register (FREE_RUN)
Reset Register
1F8h
Reset Control Register (RESET_CTL)
EtherCAT Registers
300h
EtherCAT CSR Interface Data Register (ECAT_CSR_DATA)
304h
EtherCAT CSR Interface Command Register (ECAT_CSR_CMD)
308h
EtherCAT Process RAM Read Address and Length Register (ECAT_PRAM_RD_ADDR_LEN)
30Ch
EtherCAT Process RAM Read Command Register (ECAT_PRAM_RD_CMD)
310h
EtherCAT Process RAM Write Address and Length Register (ECAT_PRAM_WR_ADDR_LEN)
314h
EtherCAT Process RAM Write Command Register (ECAT_PRAM_WR_CMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com