Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 21 Page - Texas Instruments

Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906 Datasheet(HTML) 21 Page - Texas Instruments

Back Button PCM2906 Datasheet HTML 17Page - Texas Instruments PCM2906 Datasheet HTML 18Page - Texas Instruments PCM2906 Datasheet HTML 19Page - Texas Instruments PCM2906 Datasheet HTML 20Page - Texas Instruments PCM2906 Datasheet HTML 21Page - Texas Instruments PCM2906 Datasheet HTML 22Page - Texas Instruments PCM2906 Datasheet HTML 23Page - Texas Instruments PCM2906 Datasheet HTML 24Page - Texas Instruments PCM2906 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
www.ti.com
Interface #0
Interface #1
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
Interface #0 is the control interface. Alternative setting #0 is the only possible setting for interface #0. Alternative
setting #0 describes the standard audio control interface. The audio control interface is constructed by a terminal.
The PCM2904/2906 has the following five terminals.
• Input terminal (IT #1) for isochronous-out stream
• Output terminal (OT #2) for audio analog output
• Feature unit (FU #3) for DAC digital attenuator
• Input terminal (IT #4) for audio analog input
• Output terminal (OT #5) for isochronous-in stream
Input terminal #1 is defined as a USB stream (terminal type 0x0101). Input terminal #1 can accept 2-channel
audio streams consisting of left and right channels. Output terminal #2 is defined as a speaker (terminal type
0x0301). Input terminal #4 is defined as a microphone (terminal type 0x0201). Output terminal #5 is defined as a
USB stream (terminal type 0x0101). Output terminal #5 can generate 2-channel audio streams consisting of left
and right channels. Feature unit #3 supports the following sound control features.
• Volume control
• Mute control
The built-in digital volume controller can be manipulated by an audio-class-specific request from 0 dB to –64 dB
in steps of 1 dB. Each channel can be set for different values. The master volume control is not supported. A
request to the master volume is stalled and ignored. The built-in digital mute controller can be manipulated by
audio-class-specific request. A master mute control request is acceptable. A request to an individual channel is
stalled and ignored.
Interface #1 is the audio streaming data-out interface. Interface #1 has the following seven alternative settings.
Alternative setting #0 is the zero-bandwidth setting. All other alternative settings are operational settings.
ALTERNATIVE
SAMPLING RATE
DATA FORMAT
TRANSFER MODE
SETTING
(kHz)
00
Zero bandwidth
01
16 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
02
16 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
03
8 bit
Stereo
2s complement (PCM)
Adaptive
32, 44.1, 48
04
8 bit
Mono
2s complement (PCM)
Adaptive
32, 44.1, 48
05
8 bit
Stereo
Offset binary (PCM8)
Adaptive
32, 44.1, 48
06
8 bit
Mono
Offset binary (PCM8)
Adaptive
32, 44.1, 48
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): PCM2904 PCM2906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com