Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 12 Page - Texas Instruments

Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906 Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCM2906 Datasheet HTML 8Page - Texas Instruments PCM2906 Datasheet HTML 9Page - Texas Instruments PCM2906 Datasheet HTML 10Page - Texas Instruments PCM2906 Datasheet HTML 11Page - Texas Instruments PCM2906 Datasheet HTML 12Page - Texas Instruments PCM2906 Datasheet HTML 13Page - Texas Instruments PCM2906 Datasheet HTML 14Page - Texas Instruments PCM2906 Datasheet HTML 15Page - Texas Instruments PCM2906 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
www.ti.com
0.003
0.004
0.005
0.006
0.007
0.008
0.009
0.010
30
35
40
45
50
fS – Sampling Frequency – kHz
G005
85
87
89
91
93
95
30
35
40
45
50
fS – Sampling Frequency – kHz
SNR
Dynamic Range
G006
DAC
90
91
92
93
94
95
96
97
98
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
SNR
Dynamic Range
G008
0.003
0.004
0.005
0.006
0.007
0.008
−50
−25
0
25
50
75
100
TA – Free-Air Temperature – °C
G007
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
TYPICAL CHARACTERISTICS (continued)
All specifications at TA = 25°C, VBUS = 5 V, fs = 44.1 kHz, fIN = 1 kHz, 16-bit data, using REG103xA-A, unless otherwise noted.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE and SNR
vs
vs
SAMPLING FREQUENCY
SAMPLING FREQUENCY
Figure 5. THD+N at –0.5 dB vs Sampling Frequency
Figure 6.
TOTAL HARMONIC DISTORTION + NOISE
DYNAMIC RANGE and SNR
vs
vs
FREE-AIR TEMPERATURE
FREE-AIR TEMPERATURE
Figure 7. THD+N at 0 dB vs Temperature
Figure 8.
12
Submit Documentation Feedback
Copyright © 2002–2007, Texas Instruments Incorporated
Product Folder Link(s): PCM2904 PCM2906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com