Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 5 Page - Texas Instruments

Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906 Datasheet(HTML) 5 Page - Texas Instruments

  PCM2906 Datasheet HTML 1Page - Texas Instruments PCM2906 Datasheet HTML 2Page - Texas Instruments PCM2906 Datasheet HTML 3Page - Texas Instruments PCM2906 Datasheet HTML 4Page - Texas Instruments PCM2906 Datasheet HTML 5Page - Texas Instruments PCM2906 Datasheet HTML 6Page - Texas Instruments PCM2906 Datasheet HTML 7Page - Texas Instruments PCM2906 Datasheet HTML 8Page - Texas Instruments PCM2906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (Continued)
PIN ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D–
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V
L
IN
V
R
IN
V
COM
SSPND
TEST0
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
TEST1
V
DDI
AGNDP
V
R
OUT
PCM2904
(TopView)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
D+
D–
V
BUS
DGNDU
HID0
HID1
HID2
SEL0
SEL1
V
CCCI
AGNDC
V
L
IN
V
R
IN
V
COM
SSPND
DIN
V
CCXI
AGNDX
XTO
V
CCP2I
DGND
V
CCP1I
V
L
OUT
XTI
DOUT
V
DDI
AGNDP
V
R
OUT
P0007-05
PCM2906
(TopView)
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
All specifications at TA = 25°C, VBUS, = 5 V, fS = 44.1 kHz, fIN = 1 kHz, 16-bit data (unless otherwise noted)
PCM2904DB, PCM2906DB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
ANALOG OUTPUT
VO
Output voltage
0.6 VCCCI
Vp-p
Center voltage
0.5 VCCCI
V
Load impedance
AC coupling
10
k
Ω
–3 dB
250
kHz
LPF frequency response
f = 20 kHz
–0.03
dB
DIGITAL FILTER PERFORMANCE
Pass band
0.445 fs
Hz
Stop band
0.555 fs
Hz
Pass-band ripple
±0.1
dB
Stop-band attenuation
–43
dB
td
Delay time
14.3 fs
s
POWER SUPPLY REQUIREMENTS
VBUS
Voltage range
4.36
5
5.25
VDC
ADC, DAC operation
56
67
mA
Supply current
Suspend mode (1)
210
µA
ADC, DAC operation
280
352
PD
Power dissipation
mW
Suspend mode (1)
1.05
Internal power supply voltage(2)
3.25
3.35
3.5
VDC
TEMPERATURE RANGE
Operating temperature
–25
85
°C
θ
JA
Thermal resistance
28-pin SSOP
100
°C/W
(1)
In USB suspend state
(2)
Pins 10, 17, 19, 23, 27: VCCCI, VCCP1I, VCCP2I, VCCXI, VDDI
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): PCM2904 PCM2906



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com