Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM2906 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM2906
Description  STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

PCM2906 Datasheet(HTML) 1 Page - Texas Instruments

  PCM2906 Datasheet HTML 1Page - Texas Instruments PCM2906 Datasheet HTML 2Page - Texas Instruments PCM2906 Datasheet HTML 3Page - Texas Instruments PCM2906 Datasheet HTML 4Page - Texas Instruments PCM2906 Datasheet HTML 5Page - Texas Instruments PCM2906 Datasheet HTML 6Page - Texas Instruments PCM2906 Datasheet HTML 7Page - Texas Instruments PCM2906 Datasheet HTML 8Page - Texas Instruments PCM2906 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
BurrBrown Products
from Texas Instruments
1
FEATURES
APPLICATIONS
DESCRIPTION
PCM2904
PCM2906
SLES042C – JUNE 2002 – REVISED NOVEMBER 2007
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG
INPUT/OUTPUT AND S/PDIF
–
Pass-Band Ripple = ±0.1 dB
23
• PCM2904: Without S/PDIF
–
Stop-Band Attenuation = –43 dB
• PCM2906: With S/PDIF
–
Single-Ended Voltage Output
• On-Chip USB Interface:
–
Analog LPF Included
–
With Full-Speed Transceivers
• Multifunctions:
–
Fully Compliant With USB 1.1 Specification
–
Human Interface Device (HID) Volume ±
Control and Mute Control
–
Certified by USB-IF
–
Suspend Flag
–
Partially Programmable Descriptors (1)
• Package: 28-Pin SSOP
–
USB Adaptive Mode for Playback
–
USB Asynchronous Mode for Record
–
Bus Powered
• USB Audio Speaker
• 16-Bit Delta-Sigma ADC and DAC
• USB Headset
• Sampling Rate:
• USB Monitor
–
DAC: 32, 44.1, 48 kHz
• USB Audio Interface Box
–
ADC: 8, 11.025, 16, 22.05, 32, 44.1, 48 kHz
• On-Chip Clock Generator With Single 12-MHz
Clock Source
The PCM2904/2906 is Texas Instruments single-chip
• Single Power Supply: 5 V Typical (V
BUS)
USB
stereo
audio
codec
with
USB-compliant
full-speed protocol controller and S/PDIF (PCM2906
• Stereo ADC
only). The USB protocol controller works with no
–
Analog Performance at VBUS = 5 V
software code, but the USB descriptors can be
–
THD+N = 0.01%
modified
in
some
areas
(for
example,
vendor
ID/product ID). The PCM2904/2906 employs SpAct™
–
SNR = 89 dB
architecture, TI's unique system that recovers the
–
Dynamic Range = 89 dB
audio clock from USB packet data. On-chip analog
–
Decimation Digital Filter
PLLs with SpAct enable playback and record with low
clock jitter and with independent playback and record
–
Pass-Band Ripple = ±0.05 dB
sampling rates.
–
Stop-Band Attenuation = –65 dB
–
Single-Ended Voltage Input
–
Antialiasing Filter Included
–
Digital LCF Included
• Stereo DAC:
–
Analog Performance at VBUS = 5 V
–
THD+N = 0.005%
–
SNR = 96 dB
–
Dynamic Range = 93 dB
–
Oversampling Digital Filter
(1)
The descriptor can be modified by changing a mask.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SpAct is a trademark of Texas Instruments.
3
System Two, Audio Precision are trademarks of Audio Precision, Inc.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM2906

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2906 BURR-BROWN-PCM2906 Datasheet
299Kb / 32P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906 BURR-BROWN-PCM2906 Datasheet
315Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENEDE ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2906 TI1-PCM2906 Datasheet
484Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2906B TI2-PCM2906B Datasheet
780Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
DECEMBER 2008
More results

Similar Description - PCM2906

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM2900 BURR-BROWN-PCM2900_07 Datasheet
372Kb / 33P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2900 BURR-BROWN-PCM2900_08 Datasheet
718Kb / 35P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
logo
Texas Instruments
PCM2900B TI1-PCM2900B Datasheet
996Kb / 34P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2900C TI1-PCM2900C Datasheet
1Mb / 32P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903B TI1-PCM2903B Datasheet
685Kb / 31P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2903C TI1-PCM2903C Datasheet
711Kb / 31P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2906B TI1-PCM2906B Datasheet
882Kb / 30P
STEREO AUDIO CODEC WITH USB INTERFACE, SINGLE-ENDED ANALOG INPUT/OUTPUT, AND S/PDIF
PCM2901EG4 TI1-PCM2901EG4 Datasheet
618Kb / 37P
STEREO AUDIO CODEC WITH USB INTERFACE SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM2906C TI-PCM2906C_15 Datasheet
246Kb / 28P
Stereo Audio Codec with USB Interface, Single-Ended Analog Input/Output, and S/PDIF
PCM2903C TI1-PCM2903C_15 Datasheet
659Kb / 31P
Stereo Audio Codec With USB Interface Single-Ended Analog Input/Output, and S/PDIF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com